Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL0241CKILF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9FGL0241CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0241CKILF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9FGL0241CKILF Datasheet HTML 9Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 10Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 11Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 12Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 13Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 14Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 15Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 16Page - Renesas Technology Corp 9FGL0241CKILF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1).
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1).
Table 9. Current Consumption – 9FGL02
Parameter
Symbol
Conditions
Minimum Typical Maximum Unit Notes
Operating Supply
Current
IDDAOP VDDA, all outputs active at 100MHz.
-
13
17
mA
-
IDDOP All VDD, except VDDA, all outputs active at100MHz.
-
18
23
mA
-
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
IDDAPD VDDA, DIF outputs off, REF output running.
-
0.9
1.5
mA
1
IDDPD All VDD, except VDDA, DIF outputs off, REF output
running.
-
5.7
8
mA
1
Power Down Current
(Power down state and
Byte 3, bit 5 = '0')
IDDAPD VDDA, all outputs off.
-
0.9
1.5
mA
-
IDDPD All VDD, except VDDA, all outputs off.
-
1.7
2.5
mA
-
Table 10. Current Consumption – 9FGL04
Parameter
Symbol
Conditions
Minimum Typical Maximum Unit Notes
Operating Supply
Current
IDDAOP VDDA, all outputs active at 100MHz.
-
13
17
mA
-
IDDOP All other VDD, except VDDA, all outputs active
at100MHz.
-
30
39
mA
-
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
IDDAPD VDDA, DIF outputs off, REF output running.
-
0.9
1.5
mA
1
IDDPD All other VDD, except VDDA, DIF outputs off, REF
output running.
-
5.9
8.0
mA
1
Power Down Current
(Power down state and
Byte 3, bit 5 = '0')
IDDAPD VDDA, all outputs off.
-
0.9
1.5
mA
-
IDDPD All other VDD, except VDDA, all outputs off.
-
1.5
2.5
mA
-
Table 11. Current Consumption – 9FGL06
Parameter
Symbol
Conditions
Minimum Typical Maximum Unit Notes
Operating Supply
Current
IDDAOP VDDA, all outputs active at 100MHz.
-
14
17
mA
-
IDDOP All VDD, except VDDA and VDDIO, all outputs active
at100MHz.
-
16
20
mA
-
IDDIOOP VDDIO, all outputs active at100MHz.
-
27
32
mA
-
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
IDDAPD VDDA, DIF outputs off, REF output running.
-
0.9
1.5
mA
1
IDDPD All VDD, except VDDA and VDDIO, DIF outputs off, REF
output running.
-
6
8
mA
1
IDDIOOP VDDIO, DIF outputs off, REF output running.
-
0.04
0.05
mA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com