Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF862 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF862
Description  N-channel junction FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF862 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF862 Datasheet HTML 1Page - NXP Semiconductors BF862 Datasheet HTML 2Page - NXP Semiconductors BF862 Datasheet HTML 3Page - NXP Semiconductors BF862 Datasheet HTML 4Page - NXP Semiconductors BF862 Datasheet HTML 5Page - NXP Semiconductors BF862 Datasheet HTML 6Page - NXP Semiconductors BF862 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Jun 29
3
Philips Semiconductors
Preliminary specification
N-channel junction FET
BF862
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134)
THERMAL CHARACTERISTICS
Notes
1.
Soldering point of the gate lead.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
20
V
VDG
drain-gate voltage
−
20
V
VGS
gate-source voltage
−−20
V
IDS
drain-source current
−
40
mA
IG
forward gate current
−
10
mA
Ptot
total power dissipation
Ts
≤ 92 °C
−
225
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
260
K/W
Fig.2 Power derating curve.
handbook, halfpage
0
40
80
160
250
0
200
MGS298
120
150
100
50
Ptot
(mW)
Ts (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com