Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PECH1EU Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PECH1EU
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PECH1EU Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  PECH1EU Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P-Channel Logic Level Enhancement Mode
Field Effect Transistor
REV 1.1
4
N-21-4
PECH1EU
PDFN 3.3x3.3S
Halogen-free & Lead-Free
NIKO-SEM
Output Characteristics
Transfer Characteristics
-VGS, Gate-To-Source Voltage(V)
-VDS, Drain-To-Source Voltage(V)
On-Resistance VS Drain Current
On-Resistance VS Gate-To-Source Voltage
-ID , Drain-To-Source Current(A)
-VGS, Gate-To-Source Voltage(V)
Capacitance Characteristic
On-Resistance VS Temperature
-VDS, Drain-To-Source Voltage(V)
TJ , Junction Temperature(
˚C)
25℃
125℃
-20℃
0
6
12
18
24
30
0
1
2
3
4
5
0
6
12
18
24
30
0
1
2
3
4
5
6
VGS=-10V
VGS=-9V
VGS=-8V
VGS=-7V
VGS=-6V
VGS=-5V
VGS=-4.5V
VGS=-2.9V
VGS=-2.5V
VGS=-2.7V
0
0.003
0.006
0.009
0.012
0.015
0
6
12
18
24
30
VGS=-10V
VGS=-4.5V
0
0.004
0.008
0.012
0.016
0.02
2
4
6
8
10
ID=-12A
CISS
COSS
CRSS
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
20
25
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
VGS=-10V
ID=-12A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com