Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF861C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF861C
Description  N-channel junction FETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF861C Datasheet(HTML) 2 Page - NXP Semiconductors

  BF861C Datasheet HTML 1Page - NXP Semiconductors BF861C Datasheet HTML 2Page - NXP Semiconductors BF861C Datasheet HTML 3Page - NXP Semiconductors BF861C Datasheet HTML 4Page - NXP Semiconductors BF861C Datasheet HTML 5Page - NXP Semiconductors BF861C Datasheet HTML 6Page - NXP Semiconductors BF861C Datasheet HTML 7Page - NXP Semiconductors BF861C Datasheet HTML 8Page - NXP Semiconductors BF861C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Sep 04
2
Philips Semiconductors
Product specification
N-channel junction FETs
BF861A; BF861B; BF861C
FEATURES
• High transfer admittance
• Low input capacitance
• Low feedback capacitance
• Low noise.
APPLICATIONS
• Preamplifiers for AM tuners in car radios.
DESCRIPTION
N-channel symmetrical junction field effect transistors in a
SOT23 package.
PINNING - SOT23
PIN
SYMBOL
DESCRIPTION
1
s
source
2
d
drain
3
g
gate
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
Fig.1 Simplified outline and symbol.
Marking codes:
BF861A: M33.
BF861B: M34.
BF861C: M35.
handbook, halfpage
s
d
g
21
3
MAM036
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
25
V
IDSS
drain current
VGS = 0; VDS =8V
BF861A
2
6.5
mA
BF861B
6
15
mA
BF861C
12
25
mA
Ptot
total power dissipation
up to Tamb =25 °C
−
250
mW
yfs
forward transfer admittance
VGS = 0; VDS =8V
BF861A
12
20
mS
BF861B
16
25
mS
BF861C
20
30
mS
Ciss
input capacitance
f = 1 MHz
−
10
pF
Crss
reverse transfer capacitance
f = 1 MHz
−
2.7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com