Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-10DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2985-10DBVT Datasheet HTML 16Page - Texas Instruments LP2985-10DBVT Datasheet HTML 17Page - Texas Instruments LP2985-10DBVT Datasheet HTML 18Page - Texas Instruments LP2985-10DBVT Datasheet HTML 19Page - Texas Instruments LP2985-10DBVT Datasheet HTML 20Page - Texas Instruments LP2985-10DBVT Datasheet HTML 21Page - Texas Instruments LP2985-10DBVT Datasheet HTML 22Page - Texas Instruments LP2985-10DBVT Datasheet HTML 23Page - Texas Instruments LP2985-10DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Recommended Capacitor Types
The device is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the input
and output. Multilayer ceramic capacitors have become the industry standard for these types of applications and
are recommended, but must be used with good judgment. Ceramic capacitors that employ X7R-, X5R-, and
C0G-rated dielectric materials provide relatively good capacitive stability across temperature, whereas the use of
Y5V-rated capacitors is discouraged because of large variations in capacitance.
Regardless of the ceramic capacitor type selected, the effective capacitance varies with operating voltage
and temperature. Generally, expect the effective capacitance to decrease by as much as 50%. The input and
output capacitors listed in the Recommended Operating Conditions table account for an effective capacitance of
approximately 50% of the nominal value.
8.1.2 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a capacitor
from IN to GND. This capacitor counteracts reactive input sources and improves transient response, input ripple,
and PSRR. Use an input capacitor if the source impedance is more than 0.5 Ω. A higher value capacitor can be
necessary if large, fast rise-time load or line transients are anticipated or if the device is located several inches
from the input power source.
Dynamic performance of the device is improved with the use of an output capacitor. Use an output capacitor
within the range specified in the Recommended Operating Conditions table for stability.
8.1.3 Noise Bypass Capacitor (CBYPASS)
The LP2985 allows for low-noise performance with the use of a bypass capacitor that is connected to the internal
band-gap reference with the BYPASS pin. This high-impedance band-gap circuitry is biased in the microampere
range and, thus, cannot be loaded significantly, otherwise, the output (and, correspondingly, the output of the
regulator) changes. Thus, for best output accuracy, dc leakage current through CBYPASS must be minimized as
much as possible and must never exceed 100 nA. The CBYPASS capacitor also impacts the start-up behavior of
the regulator. Inrush current and start-up time increase with larger bypass capacitor values.
Use a 10-nF capacitor for CBYPASS. Ceramic and film capacitors are good choices for this purpose.
8.1.4 Reverse Current
Excessive reverse current can damage this device. Reverse current flows through the intrinsic body diode of the
pass transistor instead of the normal conducting channel. At high magnitudes, this current flow degrades the
long-term reliability of the device.
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT ≤ VIN + 0.3 V.
• If the device has a large COUT and the input supply collapses with little or no load current
• The output is biased when the input supply is not established
• The output is biased above the input supply
If reverse current flow is expected in the application, use external protection to protect the device. Reverse
current is not limited in the device, so external limiting is required if extended reverse voltage operation is
anticipated.
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com