Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DB104 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9DB104
Description  Four Output Differential Buffer for PCI-Express
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB104 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9DB104 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 10Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 11Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 12Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 13Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 14Page - Renesas Technology Corp ICS9DB104 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS9DB104
(Not recommended for new designs)
0767E—12/14/07
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a
0°8°0°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
Ordering Information
ICS9DB104yGLxT
Example:
Designation for tape and reel packaging
LF or LN =
Lead Free, RoHS Compliant (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 to 7 digit numbers)
Prefix
ICS = Standard Device
ICS XXXX y G Lx T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com