Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB102BGLF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9DB102BGLF
Description  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB102BGLF Datasheet(HTML) 3 Page - Renesas Technology Corp

  9DB102BGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q 08/27/13
ICS9DB102
Two Output Differential Buffer for PCIe Gen1 & Gen2
3
Absolute Max
Symbol
Parameter
Min
Max
Units
VDDA
3.3V Core Supply Voltage
VDD + 0.5V
V
VDD
3.3V Output Supply Voltage
GND - 0.5
VDD + 0.5V
V
Ts
Storage Temperature
-65
150
°C
Tcase
Case Temperature
115
°C
ESD prot
Input ESD protection
human body model
2000
V
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = Tambient; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Tambcom
Commercial range
0
70
°C
1
Tambind
Industrial range
-40
85
°C
1
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage
VIL
3.3 V +/-5%
VSS - 0.3
0.8
V
1
Input High Current
IIH
VIN = VDD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
1
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
1
Full Active, CL = Full load;
75
100
mA
1
all differential pairs tri-stated
27
50
mA
1
Input Frequency
3
Fi
VDD = 3.3 V
99
100
101
MHz
1
Pin Inductance
1
Lpin
7nH
1
CIN
Logic Inputs
5
pF
1
COUT
Output pin capacitance
4.5
pF
1
Clk Stabilization
1,2
TSTAB
From VDD Power-Up to 1st
clock
1.8
ms
1
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Spread Spectrum Modulation
Frequency
fMOD
Lexmark Modulation
25
45
KHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE#
deassertion
1
3
cycles
1,2
PLL Bandwidth when
PLL_BW=0
400
500
1000
KHz
1
PLL Bandwidth when
PLL_BW=1
22.5
3
MHz
1
SMBus Voltage
VDD
2.7
5.5
V
1
Low-level Output Voltage
VOLSMBUS
@ IPULLUP
0.4
V
1
Current sinking at VOL = 0.4 V
IPULLUP
SMBus SDATA pin
4
mA
1
SCLK/SDATA
Clock/Data Rise Time
TRI2C
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
TFI2C
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
1Guaranteed by design and characterization, not 100% tested in production.
2Time from deassertion until outputs are >200mV
Tambient
PLL Bandwidth
BW
Input Low Current
Input Capacitance
1
Operating Supply Current
IDD3.3OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com