Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DB423 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9DB423
Description  4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB423 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9DB423 Datasheet HTML 1Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATASHEET
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
ICS9DB423
IDT®
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
1
ICS9DB423B
REV E 091812
General Description
The ICS9DB423B is compatible with the Intel DB400Q
Differential Buffer Specification. This buffer provides 4
PCI-Express SRC or 4 QPI clocks. The ICS9DB423B is
driven by a differential output pair from a CK410B+ or
CK509B main clock generator.
Recommended Application
DB400Q compatible part with PCIe Gen1, Gen 2 and QPI
support
Key Specifications
• Output cycle-cycle jitter < 50ps
• Output to Output skew <50ps
• Phase jitter: PCIe Gen1 < 86ps peak to peak
• Phase jitter: PCIe Gen2 < 3.0/3.1ps rms
• Phase jitter: QPI < 0.5ps rms
Features/Benefits
• Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread
• Supports undriven differential outputs in Power Down
and DIF_STOP# for modes for power management.
Output Features
• 4 - 0.7V current-mode differential output pairs
• Supports zero delay buffer mode and fanout mode
• Bandwidth programming available
• 50-133 MHz operation in PLL mode
• 33-400 MHz operation in Bypass mode
Functional Block Diagram
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(6,5,2,1)
CONTROL
LOGIC
BYPASS#_133_100
SDATA
SCLK
PD
SPREAD
COMPATIBLE
PLL
4
IREF
M
U
X
OE(6,1)
2


Similar Part No. - ICS9DB423

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
ICS9DB401CFLFT IDT-ICS9DB401CFLFT Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
ICS9DB401CGLFT IDT-ICS9DB401CGLFT Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Integrated Circuit Syst...
ICS9DB401YFLFT ICST-ICS9DB401YFLFT Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
More results

Similar Description - ICS9DB423

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1200C IDT-9DB1200C Datasheet
155Kb / 14P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9ZX21201 IDT-9ZX21201 Datasheet
229Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
9ZX21201 IDT-9ZX21201_16 Datasheet
238Kb / 16P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
logo
Renesas Technology Corp
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com