Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB803DGILFT Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 9DB803DGILFT
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGILFT Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 9DB803DGILFT Datasheet HTML 7Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 8Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 9Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 10Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 11Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 12Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 13Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 14Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
11
ICS9DB803D
REV N 071013
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
L1 length, route as non-coupled 50ohm trace
0.5 max
inch
1
L2 length, route as non-coupled 50ohm trace
0.2 max
inch
1
L3 length, route as non-coupled 50ohm trace
0.2 max
inch
1
Rs
33
ohm
1
Rt
49.9
ohm
1
Down Device Differential Routing
L4 length, route as coupled microstrip 100ohm differential trace 2 min to 16 max
inch
1
L4 length, route as coupled stripline 100ohm differential trace
1.8 min to 14.4 max
inch
1
Differential Routing to PCI Express Connector
L4 length, route as coupled microstrip 100ohm differential trace 0.25 to 14 max
inch
2
L4 length, route as coupled stripline 100ohm differential trace
0.225 min to 12.6 max
inch
2
SRC Reference Clock
HCSL Output Buffer
L1
L1'
Rs
L2
L2'
Rs
L4'
L4
L3
L3'
Rt
Rt
PCI Express
Down Device
REF_CLK Input
Figure 1: Down Device Routing
HCSL Output Buffer
L1
L1'
Rs
L2
L2'
Rs
L4'
L4
L3
L3'
Rt
Rt
PCI Express
Add-in Board
REF_CLK Input
Figure 2: PCI Express Connector Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com