Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG108E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9FG108E
Description  FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG108E Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9FG108E Datasheet HTML 1Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 2Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 3Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 4Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 5Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 6Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 7Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 8Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS9FG108E
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
IDT®
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2
ICS9FG108E
REV C 102912
Pin Configuration
Power Groups
Frequency Select Table
XIN/CLKIN
1
48 VDDA
X2
2
47 GNDA
VDD
3
46 IREF
GND
4
45 vFS0
REFOUT
5
44 vFS1
vFS2
6
43 vOE_0
vOE_7
7
42 DIF_0
DIF_7
8
41 DIF_0#
DIF_7#
9
40 VDD
VDD 10
39 DIF_1
DIF_6 11
38 DIF_1#
DIF_6# 12
37 ^OE_1
^OE_6 13
36 VDD
VDD 14
35 GND
GND 15
34 ^OE_2
^OE_5 16
33 DIF_2
DIF_5 17
32 DIF_2#
DIF_5# 18
31 VDD
VDD 19
30 DIF_3
DIF_4 20
29 DIF_3#
DIF_4# 21
28 vOE_3
vOE_4 22
27 ^SEL14M_25M#
SDATA 23
26 vSPREAD
SCLK 24
25 DIF_STOP#
^ indicates internal 120K pull up
v indicates internal 120K pull down
VDD
GND
34
10,14,19,31,36,40
15,35
N/A
47
48
47
IREF
Analog VDD & GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs, SMBus
DIF Outputs
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT(MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.66
0
1
1
0
333.33
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.66
1
1
1
0
333.33
1
1
1
1
400.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com