Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP525-2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9LP525-2
Description  56-pin CK505 for Intel Desktop Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP525-2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9LP525-2 Datasheet HTML 1Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 2Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 3Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 4Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 5Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 6Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 7Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP525-2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1397—11/08/10
ICS9LP525-2
PC MAIN CLOCK
5
External Pass Transistor Connection for Desktop Applications
2N3904
R=15
C >= 40uF
R=33
3.3V
C=100pF
VOUT
PIN 40
SRC_IO Decoupling
Network
PLL3_IO Decoupling
Network
CPU_IO Decoupling
Network
96_IO Decoupling
Network
VD D _IO
0. 8V N OM .
3.3V
Vref
+
-
ICS9LP525-2
VDDCPU_IO, Pin 41
VDDSRC_IO Pin 37, 26
VDDPLL3_IO, Pin 20
VDD96_IO, Pin 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com