Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LPRS365BGLF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS365BGLF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 9LPRS365BGLF Datasheet HTML 10Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 11Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 12Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 13Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 14Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 15Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 16Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 17Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
ICS9LPRS365
Advance Information
1218—09/09/09
Intentional PCI Clock to Clock Delay
200 ps nominal steps
PCI0
PCI1
PCI2
PCI3
PCI4
PCI_F5
1.0ns
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
33.33MHz output nominal
30.00900
ns
2
33.33MHz output spread
30.15980
ns
2
Absolute min/max period
T
abs
33.33MHz output nominal/spread
29.49100
30.65980
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
V
OH @MIN = 1.0 V
-33
mA
1
V
OH@MAX = 3.135 V
-33
mA
1
V
OL @ MIN = 1.95 V
30
mA
1
V
OL @ MAX = 0.4 V
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Skew
t
skew
V
T = 1.5 V
250
ps
1
Intentional PCI-PCI delay
t
delay
V
T = 1.5 V
ps
1,3
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
500
ps
1
*T
A = 0 - 70°C; VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Output High Current
I
OH
Output Low Current
I
OL
29.99100
T
period
3 See PCI Clock-to-Clock Delay Figure
200 nominal
Clock period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com