Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LPRS501 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS501 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9LPRS501 Datasheet HTML 9Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 10Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 11Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 12Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 13Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 14Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 15Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 16Page - Renesas Technology Corp 9LPRS501 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121G—05/19/11
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
13
Electrical Characteristics - Input/Supply/Common Output DC Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Ambient Operating Temp
Tambient
-
0
25
70
°C
Supply Voltage
VDDxxx
Supply Voltage
3.135
3.3
3.465
V
Supply Voltage
VDDxxx_IO
Low-Voltage Differential I/O Supply
0.9975
1.05
3.465
V
10
Input High Voltage
VIHSE
Single-ended 3.3V inputs
2.2
VDD + 0.3
V
3
Input Low Voltage
VILSE
Single-ended 3.3V inputs
VSS - 0.3
0.8
V
3
Low Threshold Input-
High Voltage FSC = Test Mode
VIH_FSC_TEST
3.3 V +/-5%
2
V
8
Low Threshold Input-
FSC = '1' Voltage
VIH_FSC_1
3.3 V +/-5%
0.7
1.5
V
8
Low Threshold Input-
FSA,FSB = '1' Voltage
VIH_FSAB_1
3.3 V +/-5%
0.7
V
Low Threshold Input-
Low Voltage
VIL_FS
3.3 V +/-5%
VSS - 0.3
0.35
V
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
2
Input Leakage Current
IINRES
Inputs with pull up or pull down resistors
VIN = VDD , VIN = GND
-200
200
uA
Output High Voltage
VOHSE
Single-ended outputs, IOH = -1mA
2.4
V
Output Low Voltage
VOLSE
Single-ended outputs, IOL = 1 mA
0.4
V
IDDOP3.3
Full Active, CL = Full load; IDD 3.3V
135
200
mA
IDDOPIO
Full Active, CL = Full load; IDD IO
72
80
mA
IDDiAMT3.3
M1 mode, 3.3V Rail
53
65
mA
IDDiAMTIO
M1 Mode, IO Rail
7
10
mA
IDDPD3.3
Power down mode, 3.3V Rail, B63b0 = '1'
22
25
mA
IDDPDIO
Power down mode, IO Rail
0.01
0.1
mA
Input Frequency
Fi
VDD = 3.3 V
14.31818
15
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
1.5
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
6
pF
Clk Stabilization
TSTAB
From VDD Power-Up or de-assertion of PD to
1st clock
1.2
1.8
ms
Tdrive_CR_off
TDRCROFF
Output stop after CR deasserted
400
ns
Tdrive_CR_on
TDRCRON
Output run after CR asserted
0
us
Tdrive_CPU
TDRSRC
CPU output enable after
PCI_STOP# de-assertion
10
ns
Tfall_SE
TFALL
10
ns
1
Trise_SE
TRISE
10
ns
1
SMBus Voltage
VDD
2.7
5.5
V
Low-level Output Voltage
VOLSMB
@ IPULLUP
0.4
V
Current sinking at
VOLSMB = 0.4 V
IPULLUP
SMB Data Pin
4
mA
SCLK/SDATA
Clock/Data Rise Time
TRI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
SCLK/SDATA
Clock/Data Fall Time
TFI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
Maximum SMBus Operating Frequency
FSMBUS
100
kHz
Spread Spectrum Modulation
Frequency
fSSMOD
Triangular Modulation
30
32.54
33
kHz
NOTES on DC Parameters: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
1Signal is required to be monotonic in this region.
2 input leakage current does not include inputs with pull-up or pull-down resistors
3 3.3V referenced inputs are: PCI_STOP#, CPU_STOP#, TME, SRC5_EN, ITP_EN, SCLKL, SDATA, TESTMODE, TESTSEL, CKPWRGD and CR# inputs if selected.
4 Intentionally blank
Powerdown Current
Input Capacitance
Fall/rise time of all 3.3V control inputs from 20-
80%. Inputs must be monotonic
Operating Supply Current
iAMT Mode Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com