Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS511YGLF-T Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9LPRS511YGLF-T
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511YGLF-T Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9LPRS511YGLF-T Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
I2C Table: Output Control Register
Byte 5
Name
Control Function
PWD
A/B/C/D/E/H/J
Bit 7
24_48Mhz
Output Control
RW
1
Bit 6
Diff AMP
RW
1
Bit 5
Diff AMP
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
iAMT EN (only
applicable to revisions
H and J, otherwise
this is a reserved bit)
iAMT Enable Control
RW
0
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
Load Control
IIC Load control
RW
0
I2C Table: Reserved Register
Byte 6
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
Reserved
Reserved
RW
0
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
Reserved
Reserved
RW
0
Stoppable
--
-
Free-running
Load
Disable
Enable
-
0
-
Do not Load
-
-
-
--
01 = 900mV
10 = 800mV
11 = 700mV
-
1
--
-
--
-
-
-
-
-
Differential output
Amplitude Control
00 = 600mV
01
I2C Table: Revision and Vendor ID Register
Byte 7
Name
Control Function
Type
PWD
A/B
PWD
C/D
PWD
E
PWD
H
PWD
J
Bit 7
RID3
R
00
0
0
0
Bit 6
RID2
R
00
1
1
1
Bit 5
RID1
R
01
0
0
1
Bit 4
RID0
R
00
0
1
0
Bit 3
VID3
R
00
0
0
0
Bit 2
VID2
R
00
0
0
0
Bit 1
VID1
R
00
0
0
0
Bit 0
VID0
R
11
1
1
1
01
-
--
001 = ICS
-
Revision ID
--
--
-
-
--
VENDOR ID
-
--
I2C Table: Byte Count Register
Byte 8
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
BC7
R
0
Bit 6
BC6
R
0
Bit 5
BC5
R
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
I2C Table: Watch Dog Timer Control Register
Byte 9
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
HWD_EN
Watchdog Hard Alarm
Enable
RW
0
Bit 6
SWD_EN
Watchdog Soft Alarm
Enable
RW
0
Bit 5
WD Hard Status
WD Hard Alarm Status
R
X
Bit 4
WD Soft Status
WD Soft Alarm Status
R
X
Bit 3
WDTCtrl
Watch Dog Alarm Time
base Control
RW
0
Bit 2
HWD2
WD Hard Alarm Timer Bit 2
RW
1
Bit 1
HWD1
WD Hard Alarm Timer Bit 1
RW
1
Bit 0
HWD0
WD Hard Alarm Timer Bit 0
RW
1
Disable
0
Writing to this register will configure how many bytes will be
read back, default is 0F = 15 bytes.
1
1
0
Enable
Normal
These bits represent X*290ms (or 1.16S) the watchdog timer
waits before it goes to alarm mode. Default is 7 X 290ms =
2s.
1160ms Base
Disable
Normal
Alarm
Byte Count Programming
b(7:0)
290ms Base
Enable
Alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com