Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LPRS535BGLF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9LPRS535BGLF
Description  48-pin CK505 for Intel Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS535BGLF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9LPRS535BGLF Datasheet HTML 9Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 10Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 11Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 12Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 13Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 14Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 15Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 16Page - Renesas Technology Corp 9LPRS535BGLF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS9LPRS535
Datasheet
1461A—07/28/09
Byte 8 Device ID and Output Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Device_ID3
R
0
6
Device_ID2
R
1
5
Device_ID1
R
1
4
Device_ID0
R
0
3
Reserved
Reserved
RW
--
0
2
Reserved
Reserved
RW
--
0
1
SE1_OE
Output enable for SE1
RW
Disabled
Enabled
1
0
Reserved
Reserved
RW
-
-
0
Byte 9 Output Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
PCIF5 STOP EN
Allows control of PCIF5 with assertion of PCI_STOP#
RW
Free running
Stops with
PCI_STOP#
assertion
0
6
TME_Readback
Truested Mode Enable (TME) strap status
R
normal operation
no overclocking
0
5REF Strength
Sets the REF output drive strength
RW
1X (2Loads)
2X (3 Loads)
1
4
Test Mode Select
Allows test select, ignores REF/FSC/TestSel
RW
Outputs HI-Z
Outputs = REF/N
0
3
Test Mode Entry
Allows entry into test mode, ignores FSB/TestMode
RW
Normal operation
Test mode
0
2
IO_VOUT2
IO Output Voltage Select (Most Significant Bit)
RW
1
1IO_VOUT1
IO Output Voltage Select
RW
0
0
IO_VOUT0
IO Output Voltage Select (Least Significant Bit)
RW
1
Byte 10 Stop Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
SRC5_EN Readback
Readback of SRC5 enable latch
R
CPU/PCI Stop
Enabled
SRC5 Enabled
Latch
6
Reserved
RW
TBD
TBD
0
5
Reserved
RW
TBD
TBD
0
4
Reserved
RW
TBD
TBD
0
3
Reserved
RW
TBD
TBD
0
2
Reserved
RW
TBD
TBD
0
1
CPU 1 Stop Enable
Enables control of CPU1 with CPU_STOP#
RW
Free Running
Stoppable
1
0
CPU 0 Stop Enable
Enables control of CPU 0 with CPU_STOP#
RW
Free Running
Stoppable
1
Byte 11 iAMT Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
--
0
6
Reserved
Reserved
RW
--
0
5
WOL_STOP_EN
Enable 25MHz WLAN clock during M1 or Power Down.
This bit is sticky 1.
RW
25MHz disabled in
Powerdown or M1
25MHz enabled in
Powerdown or M1
NOTE
4
Reserved
Reserved
RW
--
1
3
CPU2_AMT_EN
M1 mode clk enable, only if ITP_EN=1
RW
Disable
Enable
0
2
CPU1_AMT_EN
M1 mode clk enable
RW
Disable
Enable
1
1
PCI-E_GEN2
Determines if PCI-E Gen2 compliant
R
non-Gen2
PCI-E Gen2
Compliant
1
0
CPU 2 Stop Enable
Enables control of CPU 2 (ITP)with CPU_STOP#
RW
Free Running
Stoppable
1
Note Rev B device default is 0. Rev C device is 1
Byte 12 Byte Count Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
BC5
RW
0
4
BC4
RW
0
3
BC3
RW
1
2
BC2
RW
1
1
BC1
RW
0
0
BC0
RW
1
Read Back byte count register,
max bytes = 32
Reserved
Table of Device identifier codes, used for
differentiating between CK505 package options, etc.
See Device ID Table
See Table 3: V_IO Selection
(Default is 0.8V)
Byte count is 13 decimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com