Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8124 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8124
Description  Target Specification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8124 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
2/23/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8124
2.488 Gb/s Quad
Data Re-timer
G52271-0, Rev. 1.14
Features
General Description
The VSC8124 is a four channel, 2.5 Gb/s data re-timer for cleaning up data downstream of optical links or
cross point switches. Serial data at the 2.5 Gb/s rate is independently re-timed on four channels, and driven dif-
ferentially by CML drivers. The re-timing function on each channel can be individually bypassed for lower rate
signals or test purposes. The VSC8124 provides four independent loss of signal indicators in the event of loss of
synchronous data transitions.
• Four Channel 2.488 Gb/s Data Recovery
• SONET Quality Jitter Tolerance
• Fastlock Data Acquisition less than 200
Bit Times
• Loss of Signal Indicators
• Long Strings of Static Data Tolerated by the
Clock Recovery Circuit without Loss of Signal
• First Order Clock Recovery Loop Minimizes
Jitter Accumulation
• Differential on Chip Terminated Serial Data I/O
• Bypass for OC3, OC12 Data Rates
• 155.52 MHz Reference Clock Frequency
• 3.3V Supply Operation
• 14 x 14mm, 100 Pin Thermally Enhanced
TQFP Package


Similar Part No. - VSC8124

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8121QI VITESSE-VSC8121QI Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8122QP VITESSE-VSC8122QP Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
More results

Similar Description - VSC8124

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI150SH-140 FUJI-1MBI150SH-140 Datasheet
168Kb / 2P
Tentative target specification
2SK3530 FUJI-2SK3530 Datasheet
31Kb / 1P
Fuji Power MOSFET SuperFAP-G series Target Specification
2SK3679 FUJI-2SK3679 Datasheet
30Kb / 1P
Fuji Power MOSFET SuperFAP-G series Target Specification
2SK3683 FUJI-2SK3683 Datasheet
112Kb / 1P
Fuji Power MOSFET SuperFAP-G series Target Specification
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
Direct Conversion 4FSK Data Receiver Target Specification
logo
Vitesse Semiconductor C...
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
Target Specification
logo
List of Unclassifed Man...
3X8168 ETC-3X8168 Datasheet
226Kb / 14P
TARGET SPECIFICATION ELECTRICAL DATA
logo
Fuji Electric
2SK3674-01L FUJI-2SK3674-01L Datasheet
98Kb / 4P
Power MOSFET SuperFAP-G series Target Specification
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Baumer IVO GmbH & Co. K...
N155 IVO-N155 Datasheet
471Kb / 4P
Target Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com