Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGE Datasheet(PDF) 10 Page - ITT Industries

Part # CGE
Description  High Power Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE Datasheet(HTML) 10 Page - ITT Industries

Back Button CGE Datasheet HTML 3Page - ITT Industries CGE Datasheet HTML 4Page - ITT Industries CGE Datasheet HTML 5Page - ITT Industries CGE Datasheet HTML 6Page - ITT Industries CGE Datasheet HTML 7Page - ITT Industries CGE Datasheet HTML 8Page - ITT Industries CGE Datasheet HTML 9Page - ITT Industries CGE Datasheet HTML 10Page - ITT Industries CGE Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CGE
10
Dimensions are mm (inches)
Subject to changes
Accessories
Crimp dies
Contact Order reference
size
upper crimp dies
lower crimp dies
H2
317-8578-006
317-8578-007
H5
317-8578-008
317-8578-009
H9
317-8578-004
317-8578-005
H15
317-8578-002
317-8578-003
H24
317-8578-000
317-8578-001
Sealing gaskets
for rear panel mounting only
Shell
Order references
Order references
size
Polychloroprene
Alu-Flex
(shielded version)
16
075-8504-000
075-8504-001
18
075-8505-000
075-8505-001
22
075-8507-000
075-8507-001
28
075-8509-000
075-8509-001
32
075-8510-000
075-8510-001
O Rings
for sealing of front mounting receptacles
are included in shipment
Shell size
Order reference
16
CGE-SW26
18
CGE-SW26
22
CGE-SW26
28
CGE-SW26
Contacts
Order references for single contacts
Shell size
Spring contact
Cylindrical contact
Contact type
Crimp sleeve
H24
031-8564-000
330-8697-000
Crimp with
031-8567-000
330-8696-000
threaded bolt
031-8658-000
031-8701-002
for 90
° plug
252-8583-000
H15
031-8663-000
330-8719-000
with threaded bolt
031-8669-000
031-8701-000
for 90
° plug
252-8583-000
031-8701-004
430-8561-009
Crimp version
H9
031-8649-000
330-8698-000
Crimp with
031-8660-000
330-8695-000
threaded bolt
031-8659-000
031-8701-000
for 90
° plug
252-8583-000
H5
031-8655-000
330-8710-000
crimp with
031-8656-000
330-8712-000
threaded bolt
H2
031-8616-000
330-8623-000
crimp version
H9
–
031-8705-000
for bulkhead
Note: When choosing the contacts please make sure that the voltage carrying side of the connection
is quipped with the cylindrical contact.
Crimp Tools
Special Allen Wrenches
for endbell assembly
Description
Designation
Order reference
1
Hand pump
4601.00000.330
121586-0027
2
Foot operation for hand pump
4601.51000.330
121586-0008
3
High pressure hose, length 2 m
4604.00000.020
121586-0023
4
Crimp head
4632.00000.601
121586-0031
5
Safety device incl. bench mounting
CT121086-3079
121086-3079
6
Positioner (to be used with
121086-3079 only)
CT121086-3080
121086-3080
Right hand photograph:
Electro-hydraulic crimp tool HK12EL.
Available upon request – please consult
factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com