Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3244E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3244E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3244E Datasheet(HTML) 2 Page - Sipex Corporation

  SP3244E Datasheet HTML 1Page - Sipex Corporation SP3244E Datasheet HTML 2Page - Sipex Corporation SP3244E Datasheet HTML 3Page - Sipex Corporation SP3244E Datasheet HTML 4Page - Sipex Corporation SP3244E Datasheet HTML 5Page - Sipex Corporation SP3244E Datasheet HTML 6Page - Sipex Corporation SP3244E Datasheet HTML 7Page - Sipex Corporation SP3244E Datasheet HTML 8Page - Sipex Corporation SP3244E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Rev M 10/9/06
SP3244E-SP3245E, 3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus
© Copyright 2006 Sipex Corporation
2
PIN ASSIGNMENTS
NAME
FUNCTION
PIN NUMBER
(T)SSOP
QFN
C2+
Positive terminal of the inverting charge pump capacitor.
1
29
C2-
Negative terminal of the inverting charge pump capacitor.
2
30
V-
Regulated -5.5V output generated by the charge pump.
3
31
R1IN
RS-232 receiver input.
4
1
R2IN
RS-232 receiver input.
5
2
R3IN
RS-232 receiver input.
6
3
R4IN
RS-232 receiver input.
7
4
R5IN
RS-232 receiver input.
8
5
T1OUT
RS-232 driver output.
9
6
T2OUT
RS-232 driver output.
10
7
T3OUT
RS-232 driver output.
11
8
T3IN
TTL/CMOS driver input.
12
10
T2IN
TTL/CMOS driver input.
13
11
T1IN
TTL/CMOS driver input.
14
12
R5OUT
TTL/CMOS receiver output.
15
13
R4OUT
TTL/CMOS receiver output.
16
14
R3OUT
TTL/CMOS receiver output.
17
15
R2OUT
TTL/CMOS receiver output.
18
17
R1OUT
TTL/CMOS receiver output.
19
18
R2OUT
Non-inverting receiver 2 output; active in shutdown.
20
19
STATUS
Status output.
21
20
SHUTDOWN
Forced SHUTDOWN input. Drive low to shut down drivers, receivers
and charge pump. Will override Auto On-line® Plus. Do not leave this
pin open.
22
21
ONLINE
Auto On-line® input. Active low enabled automatic power saving
feature. Equivalent to competitor's FORCEON pin. Do not leave this
pin open.
23
22
C1-
Negative terminal of the voltage doubler charge pump capacitor.
24
23
GND
Ground connection.
25
24
VCC
Device power supply pin (3.0V to 5.5V).
26
26
V+
Regulated +5.5V output generated by the charge pump.
27
27
C1+
Positive terminal of the voltage doubler charge pump capacitor.
28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com