Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC04IE170HV Datasheet(PDF) 5 Page - STMicroelectronics

Part # STC04IE170HV
Description  Emitter switched bipolar transistor ESBT® 1700V - 4A - 0.17 W
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC04IE170HV Datasheet(HTML) 5 Page - STMicroelectronics

  STC04IE170HV Datasheet HTML 1Page - STMicroelectronics STC04IE170HV Datasheet HTML 2Page - STMicroelectronics STC04IE170HV Datasheet HTML 3Page - STMicroelectronics STC04IE170HV Datasheet HTML 4Page - STMicroelectronics STC04IE170HV Datasheet HTML 5Page - STMicroelectronics STC04IE170HV Datasheet HTML 6Page - STMicroelectronics STC04IE170HV Datasheet HTML 7Page - STMicroelectronics STC04IE170HV Datasheet HTML 8Page - STMicroelectronics STC04IE170HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STC04IE170HV
Electrical characteristics
5/11
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
VCS(dyn)
Collector-source
dynamic voltage
(1
µs)
VCC =VClamp =400V
VGS =10V
IC = 1.5A
IB = 0.3A
tpeak =500ns
RG =47Ω
IBpeak = 3A (2IC )
4.32
V
VCSW
Maximum collector-
source voltage switched
without snubber
RG =47Ω
hFE =5
IC = 4A
1700
V
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
Figure 1.
Output characteristics
Figure 2.
Dynamic collector-source
saturation voltage
Figure 3.
DC current gain
Figure 4.
Gate threshold voltage vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com