Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA-RF Datasheet(PDF) 1 Page - AAEON Technology

Part # SCA-RF
Description  SCA-RF is an RF Module with Wireless Capabilities, Suitable for Smart City/ Industrial Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

SCA-RF Datasheet(HTML) 1 Page - AAEON Technology

  SCA-RF Datasheet HTML 1Page - AAEON Technology SCA-RF Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-5 www.aaeon.com
Note: All specifications are subject to change without notice.
14
SCA-RF
SCA-RF-L01
SCA-RF-S01
SCA-RF-W01
SCA-RF is an RF Module with Wireless Capabilities, Suitable for Smart City/ Industrial Applications
Microcontroller
ARM Coretex-M3 MCU
Modem
LoRa modulation
Carrier Board
SCA-C01
Host Interface
UART
Frequency Band
915 MHz
Operating Voltage
3.3v
I/O Port
I2C x 1
UART x 2
SPI x 1
Antenna Type
IPEX Connector
Microcontroller
ARM Coretex-M3 MCU
Modem
Sub-G, IEEE 802.15.4g
Carrier Board
SCA-C01
Host Interface
UART
Frequency Band
ISM Band,
/300M~348MHz
/400M~435MHz
/470M~510MHz
/779M~787MHz
/863M~930MHz
Operating Voltage
3.3v
I/O Port
UART x 2
SPI x 2
Antenna Type
IPEX Connector
Microcontroller
ARM Coretex-M4 80MHz
Modem
WiFi ,IEEE 802.11 b/g/n
Carrier Board
SCA-C01
Host Interface
USB
Frequency Band
2.4 GHz
Operating Voltage
3.3v
I/O Port
UART x 2
SPI x 1
I2C x 1
Antenna Type
IPEX Connector
Specifications
Specifications
Specifications


Similar Part No. - SCA-RF

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
Silicon PIN Photodiode with Op Amp
logo
Eravant
SCA-01-3M3F-SD-V ERAVANT-SCA-01-3M3F-SD-V Datasheet
348Kb / 3P
3.5 mm Coaxial Fixed Attenuator, 1 dB Attenuation, Thermal Vacuum Safe
Rev 1.1
SCA-01-KMKF-SD ERAVANT-SCA-01-KMKF-SD Datasheet
337Kb / 3P
2.92 mm Coaxial Fixed Attenuator, 1 dB Attenuation
Rev 1.0
SCA-01-SMSF-SD ERAVANT-SCA-01-SMSF-SD Datasheet
345Kb / 3P
SMA Coaxial Fixed Attenuator, 1 dB Attenuation
Rev 1.0
More results

Similar Description - SCA-RF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM376-2 STMICROELECTRONICS-STM376-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
logo
List of Unclassifed Man...
WD01 ETC-WD01 Datasheet
87Kb / 7P
Wireless Controller Module with RF Transceiver
logo
ATMEL Corporation
AT86RF401 ATMEL-AT86RF401 Datasheet
907Kb / 52P
Smart RF Wireless Data Microtransmitter
ATA5423_0601 ATMEL-ATA5423_0601 Datasheet
182Kb / 2P
SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L KYL-KYL-500L_1 Datasheet
137Kb / 10P
Special RF module for Wireless POS Terminal
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
Wireless Low Power Transceiver RF Module
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
Wireless Voice Transceiver RF Module
logo
Suntsu Electronics, Inc...
SCNRF SUNTSU-SCNRF Datasheet
919Kb / 3P
RF Connectors For Wireless Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com