Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC860
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC860 Datasheet HTML 8Page - NXP Semiconductors MPC860 Datasheet HTML 9Page - NXP Semiconductors MPC860 Datasheet HTML 10Page - NXP Semiconductors MPC860 Datasheet HTML 11Page - NXP Semiconductors MPC860 Datasheet HTML 12Page - NXP Semiconductors MPC860 Datasheet HTML 13Page - NXP Semiconductors MPC860 Datasheet HTML 14Page - NXP Semiconductors MPC860 Datasheet HTML 15Page - NXP Semiconductors MPC860 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-5 Debug Port Controller For Target System Operation Scheme
2•4•3
Stand Alone Operation
In this mode, the FADS is not controlled by the host via the ADI/Debug port. It may connect to host
via one of its other ports, e.g., RS232 port, I/R port, Ethernet port, etc‘. Operating in this mode
requires an application program to be programmed into the board‘s Flash memory (while with the host
controlled operation, no memory is required at all).
Host
Computer
5V Power Supply
ADI
37 Wire
Flat Cable
P1
P6
Target System
10 Wire
Flat Cable
MPC Removed From Socket
P5
P1
P6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com