Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5484 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCF5484
Description  Microprocessor Electrical Characteristics
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5484 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF5484 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5484 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCF548x Integrated Microprocessor Electrical Characteristics, Rev. 2.4
Thermal Characteristics
Freescale Semiconductor
2
2
Thermal Characteristics
2.1
Operating Temperatures
Table 2 lists junction and ambient operating temperatures.
2.2
Thermal Resistance
Table 3 lists thermal resistance values.
Table 1. Absolute Maximum Ratings
Rating
Symbol
Value
Units
External (I/O pads) supply voltage (3.3-V power pins)
EVDD
–0.3 to +4.0
V
Internal logic supply voltage
IVDD
–0.5 to +2.0
V
Memory (I/O pads) supply voltage (2.5-V power pins)
SD VDD
–0.3 to +4.0 SDR Memory
–0.3 to +2.8 DDR Memory
V
PLL supply voltage
PLL VDD
–0.5 to +2.0
V
Internal logic supply voltage, input voltage level
Vin
–0.5 to +3.6
V
Storage temperature range
Tstg
–55 to +150
oC
Table 2. Operating Temperatures
Characteristic
Symbol
Value
Units
Maximum operating junction temperature
Tj
105
oC
Maximum operating ambient temperature
TAmax
<851
NOTES:
1
This published maximum operating ambient temperature should be used only as a system design guideline. All
device operating parameters are guaranteed only when the junction temperature lies within the specified range.
oC
Minimum operating ambient temperature
TAmin
– 40
oC
Table 3. Thermal Resistance
Characteristic
Symbol
Value
Unit
324 pin TEPBGA — Junction to ambient, natural
convection
Four layer board (2s2p)
θ
JMA
22–241,2
°C/W
388 pin TEPBGA — Junction to ambient, natural
convection
Four layer board (2s2p)
θ
JMA
20–221,2
°C/W
Junction to ambient (@200 ft/min)
Four layer board (2s2p)
θ
JMA
231,2
°C/W
Junction to board
θ
JB
153
°C/W
Junction to case
θ
JC
104
°C/W
Junction to top of package
Natural convection
Ψ
jt
21,5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com