Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLP5 Datasheet(PDF) 4 Page - Exxelia Group

Part # PLP5
Description  RoHS = W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PLP5 Datasheet(HTML) 4 Page - Exxelia Group

  PLP5 Datasheet HTML 1Page - Exxelia Group PLP5 Datasheet HTML 2Page - Exxelia Group PLP5 Datasheet HTML 3Page - Exxelia Group PLP5 Datasheet HTML 4Page - Exxelia Group PLP5 Datasheet HTML 5Page - Exxelia Group PLP5 Datasheet HTML 6Page - Exxelia Group PLP5 Datasheet HTML 7Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GENERAL INFORMATION
GÉNÉRALITÉS
POLYPROPYLENE + IMPREGNATED PAPER CAPACITORS
CONDENSATEURS POLYPROPYLÈNE + PAPIER IMPRÉGNÉ
www.exxelia.com - info@exxelia.com
Tel : + 33 (0)1 49 23 10 00
110
Page revised -
Version 04/15
PAPER + POLYPROPYLENE CAPACITORS
Mixed paper + polypropylene foil capacitors are impregnated with biodegradable oil.
They are supplied in sealed cylindrical or rectangular cases.
Insulating terminals fitted with solderable lugs, screw or threaded terminals ensure easy
connection.
Depending on the application, various configurations of dielectric and impregnating
materials are used to obtain optimum performance.
Mineral oil, silicon oil and synthetic oil are the most common oil types used by
EXXELIA TECHNOLOGIES.
These capacitors are recommended when voltage, current and/or power constraints are
particularly servere due to their :
• Resistance to voltage and to current impulses
• Long service life
• Easy evacuation of internal temperature rises
• Low partial discharge level (ionisation).
The curves below show the main electrical characteristics
versus temperature and frequency.
Fig. 1 - Insulation resistance change versus temperature.
Fig. 2 - Relative capacitance change versus temperature.
Fig. 3 - Loss angle tangent change versus temperature.
Fig. 4 - Loss angle tangent change versus frequency.
METALLIZED PAPER CAPACITORS
The use of self-healing metallized paper enables the manufacturing of compact
capacitors. They are used for D.C. and A.C voltage. Their layout enables them to accept
overvoltages for which the metal-foil film capacitors are not suited.
POLYPROPYLENE CAPACITORS
Polypropylene capacitors with “all-film” foil are impregnated with synthetic biodegradable
oil. Extremely low losses allows very high reactive energy levels in small volumes.
This type of capacitor is manufactured on request according to custom designs.
Handling
Capacitors should not be handled by terminals or by connections. After use under D.C.
voltage, it is advisable to short-circuit the connections as certain dielectrics keep a
residual charge which might be dangerous during handling operations.
Mounting
Unless otherwise specified, it is preferable to use fluid impregnated capacitors with the
terminals pointed upwards.
A free gap shall be allowed between battery-mounted capacitors.
Cables, bars or connecting braids shall be properly dimensioned to prevent any anormal
temperature rise of the terminals.
They shall be solid enough to help remove the calories (capacitors).
CONDENSATEURS PAPIER + POLYPROPYLÈNE
Les condensateurs mixtes papier + polypropylène à armatures métalliques sont
imprégnés avec des huiles biodégradables. Ils se présentent en boîtiers étanches
cylindriques ou parallélépipédiques.
Des bornes isolantes équipées de cosses à souder, à visser ou de tiges filetées assurent
une liaison aisée.
En fonction de l’application, diverses combinaisons de diélectriques et d’imprégnants
sont utilisées pour obtenir des performances optimales.
Les huiles minérales, les huiles silicones et les huiles de synthèse sont les plus
couramment utilisées par
EXXELIA TECHNOLOGIES.
Ces condensateurs sont recommandés lorsque les contraintes de tension, de courant
et/ou de puissance sont particulièrement sévères car ils offrent :
• Une tenue aux impulsions de tension et de courant
• Une grande durée de vie
• Une facilité d’évacuation des échauffements internes
• Un faible niveau de décharges partielles (ionisation).
Les courbes ci-dessous donnent l’évolution des
principales caractéristiques électriques en fonction de
la température et de la fréquence.
Fig. 1 - Évolution de la résistance d’isolement en
fonction de la température.
Fig. 2 - Variation relative de la capacité en
fonction de la température.
Fig. 3 - Évolution de la tangente de l’angle de pertes en
fonction de la température.
Fig. 4 - Évolution de la tangente de l’angle de pertes en
fonction de la fréquence.
CONDENSATEURS PAPIER MÉTALLISÉ
L’utilisation de papier métallisé autocicatrisable permet de réaliser des condensateurs
de faibles dimensions. Ils sont destinés aux tensions continues, comme aux tensions
alternatives. Leur structure leur permet d’accepter des surtensions pour lesquelles les
condensateurs films à armatures métalliques sont peu adaptés.
CONDENSATEURS POLYPROPYLÈNE
Les condensateurs polypropylène à armatures “tout film“ sont imprégnés avec des
huiles de synthèse biodégradables. Les pertes extrêmement faibles permettent
d’atteindre des niveaux d’énergie réactive très élevés dans de faibles volumes. Ce type
de condensateur est réalisé à la demande suivant cahier des charges.
Manipulation.
Les condensateurs ne doivent pas être manipulés par les bornes ou les connexions. Après
utilisationentensioncontinue,ilestprudentdecourt-circuitercelles-ci,certainsdiélectriques
gardant une rémanence de charge qui peut être dangereuse lors des manipulations.
Montage
Sans demande particulière, il est préférable d’utiliser les condensateurs imprégnés
liquide, borne dirigées vers le haut. Il convient de laisser un espace libre entre les
condensateurs montés en batterie.
Les câbles, barres ou tresses de raccordement doivent être correctement dimensionnés
pour éviter un échauffement anormal des bornes.
Ils doivent être suffisamment massifs pour aider à extraire les calories.
+2
+1
-1
-2
0
C/C (%)
C/C = f (
θ)
°C
-25
20
-10
0
40
70
55
85
Fig.2
50
0
Tg 50 Hz (10-4)
Tg = f (θ)
°C
-25
20
-10 0
55
40
85
70
Fig.3
1000
10
1
Tg (10-4)
Tg = f (F)
F(Hz)
102
103
104
100
Fig.4
104
103
102
Ri x CR (s)
Ri = f (
θ)
°C
-25
20
-10
0
55
40
85
70
Fig.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com