Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3085 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 15Page - STMicroelectronics STLC3085 Datasheet HTML 16Page - STMicroelectronics STLC3085 Datasheet HTML 17Page - STMicroelectronics STLC3085 Datasheet HTML 18Page - STMicroelectronics STLC3085 Datasheet HTML 19Page - STMicroelectronics STLC3085 Datasheet HTML 20Page - STMicroelectronics STLC3085 Datasheet HTML 21Page - STMicroelectronics STLC3085 Datasheet HTML 22Page - STMicroelectronics STLC3085 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
STLC3085
Functional description
19/28
T1
DC/DC Converter transformer
Fly-Back transformer 4W, Turns
Ratio 1:8 fro VPOS range from
8.5V to 12V
Tyco COEV MAGNETICS
MGPWG-00008
RF1
Negative battery programming
level
250K
Ω<RF1<270KΩ
270k
Ω 1% @ V
BATR = -64V
RF2
Negative battery programming
level
9.1k
Ω 1%
@Gain Set = 0
RS
Protection resistance image
RS = 50
⋅ (2Rp)
5k
Ω @ Rp = 50Ω
ZAC
Two wire AC impedance
ZAC = 50
⋅ (Zs - 2Rp)
25k
Ω 1% @ Zs = 600Ω
ZA(5)
SLIC impedance balancing
network
ZA = 50
⋅ Zs
30k
Ω 1% @ Zs = 600Ω
ZB(5)
Line impedance balancing
network
ZB = 50
⋅ Zl
30k
Ω 1% @ Zl = 600Ω
CCOMP
AC feedback loop compensation
fo = 250kHz
CCOMP = 1/(2
π⋅fo⋅100⋅(RP))
120pF 10% 10V @ Rp = 50
CH
Trans-Hybrid Loss frequency
compensation
CH = CCOMP
120pF 10% 10V
@Gain Set = 1
RS
Protection resistance image
RS = 25
⋅ (2Rp)
2.55k
Ω @ Rp = 50Ω
ZAC
Two wire AC impedance
ZAC = 25
⋅ (Zs - 2Rp)
12.5k
Ω 1% @ Zs = 600Ω
ZA(5)
SLIC impedance balancing
network
ZA = 25
⋅ Zs
15k
Ω 1% @ Zs = 600Ω
ZB(5)
Line impedance balancing
network
ZB = 25
⋅ Zl
15k
Ω 1% @ ZI = 600Ω
CCOMP
AC feedback loop compensation
fo = 250kHz
CCOMP = 2/(2
π⋅fo⋅100⋅(RP))
220pF 10% 10VL @ Rp = 50
CH
Trans-Hybrid Loss frequency
compensation
CH = CCOMP
220pF 10% 10V
(1) CVpos should be defined depending on the power supply current capability and maximum allowable ripple.
(2) For low ripple application use 2x47 µF in parallel.
(3) Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input).
(4) For high efficiency in HI-Z mode coil resistance @125kHz must be < 3
Ω.
(5) In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|.
Table 10.
External Components (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com