Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFP3N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP3N80
Description  HiPerFET Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP3N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP3N80 Datasheet HTML 1Page - IXYS Corporation IXFP3N80 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Symbol
TestConditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
800
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MW
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
3.6
A
I
DM
T
C = 25°C, pulse width limited by TJM
14.4
A
I
AR
T
C = 25°C
3.6
A
E
AR
T
C = 25°C
10
mJ
E
AS
400
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J £ 150°C, RG = 2 W
P
D
T
C = 25°C
100
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque (TO-220)
1.13/10 Nm/lb.in.
Weight
TO-220
4
g
TO-263
2
g
N-ChannelEnhancementMode
Avalanche Rated, Low Q
g, High dv/dt
Features
l International standard packages
l Low R
DS (on)
l Rated for unclamped Inductive load
Switching (UIS)
Advantages
l Easy to mount
l Space savings
l High power density
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
800
V
V
GS(th)
V
DS = VGS, ID = 1 mA
2.5
4.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J
= 25°C50
mA
V
GS = 0 V
T
J
= 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
3.6
W
Pulse test, t £ 300 ms, duty cycle d £ 2 %
HiPerFETTM
Power MOSFETs
V
DSS
= 800 V
I
D25
= 3.6 A
R
DS(on)
= 3.6 W
t
rr £ 250 ns
Preliminary data sheet
G
S
TO-263 (IXFA)
G D
S
TO-220 (IXFP)
G = Gate
D
= Drain
S = Source
TAB = Drain
D (TAB)
D (TAB)
98746 (09/00)
IXFA 3N80
IXFP 3N80


Similar Part No. - IXFP3N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP3N80 ISC-IXFP3N80 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-26
More results

Similar Description - IXFP3N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
HiPerFET Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com