Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6136ER1/TR Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP6136ER1/TR
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136ER1/TR Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP6136ER1/TR Datasheet HTML 10Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 11Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 12Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 13Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 14Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 15Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 16Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 17Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
8
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP636ER/TR = standard; SP636ER-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 3000 for QFN.
Part Number
Temperature Range
Package
SP636ER........................................... ....-40°C to +85°C..................... 3mm X 3mm 6 Pin QFN
SP636ER/TR ..................................... ....-40°C to +85°C..................... 3mm X 3mm 6 Pin QFN
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com