Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9L28014 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9L28014
Description  Flat Gray Ribbon Cable .050" Pitch, 9L280XX Series, #28-14c, PVC Ins
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9L28014 Datasheet(HTML) 2 Page - Belden Inc.

  9L28014 Datasheet HTML 1Page - Belden Inc. 9L28014 Datasheet HTML 2Page - Belden Inc. 9L28014 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
@ 1 MHz (GSG) 0.2 µH/ft
Impedance
Nominal Characteristic Impedance Nominal Characteristic Impedance Description
150 Ohm
(GS)
105 Ohm
(GSG)
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
10 MHz
2.8 dB/100ft
20 MHz
4.8 dB/100ft
30 MHz
6.5 dB/100ft
40 MHz
8.3 dB/100ft
50 MHz
9.8 dB/100ft
60 MHz
12 dB/100ft
70 MHz
13 dB/100ft
80 MHz
14 dB/100ft
90 MHz
15.8 dB/100ft
100 MHz
17 dB/100ft
Table Notes:
GSG=Ground-Signal-Ground Mode
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.4 ns/ft
72%
Unbalanced Crosstalk
Element
Typical Unbalanced NEXT % Typical Unbalanced FEXT % Typical Cross Talk Pulse Rise Time (ns)
10 ft. sample length 4.8
7
3 ns
10 ft. sample length 3.5
4.7
5 ns
10 ft. sample length 3
3
7 ns
Current
Max. Recommended Current [A]
1 Amp per Conductor at 20ºC
Voltage
Dielectric Withstand Voltage UL Voltage Rating
2000 V
300 V
Temperature Range
Operating Temperature Range:
-40°C to +105°C
Mechanical Characteristics
Bulk Cable Weight:
16 lbs/1000ft
Min. Bend Radius During Installation:
2.55 in
Min. Bend Radius/Minor Axis:
2.52 in
Standards
UL AWM Style Compliance:
AWM 2651
CSA AWM Compliance:
I A
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
CA Prop 65 (CJ for Wire and Cable):
Yes
MII Order #39 (China RoHS):
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com