Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-NDH-R100 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # P-NDH-R100
Description  NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-NDH-R100 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  P-NDH-R100 Datasheet HTML 1Page - Amphenol Communications Solutions P-NDH-R100 Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DWG SIZE:
K.L.
JAN10/22
A
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
ANGULAR DEGREES
DO NOT
PRODUCT DRAWING (EAR14988)
2
1
SHEET
2
A
SCALE:
ENG. REL. NO.
REF.
THIRD
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
REV
DWG.
NO.
1
DATE
Amphenol Canada Corp.
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
6
NDH SERIES RJ HOOD KIT, TAB DOWN, IP67
SCALE
ANGLE
1
DRAWING
JAN10/22
JAN07/22
REV
2:1
X
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
RATING, RoHS COMPLIANT
P. GOBUI
03554
REFERENCE IN PARENTHESES
PROJECTION
MILLIMETRES
INCHES
PRIMARY UNITS
SECONDARY
GENERAL TOLERANCES
P-NDH-R100
DWG APPR.
K. LAMBIE
UNLESS SPECIFIED OTHERWISE
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
COVER
SUB ASSY
LOCK
END CAP
RUBBER GROMMET
HOOD BODY
TOP PLUG
BOTTOM PLUG
COVER
.982
24.9
.715
18.15
70.95
2.793
14.20
.559
AMPHENOL DRAWINGS P-NDH-R4AX-AXXA AND P-NDH-R5AX-AXXA.
NOTES:
MATERIAL: RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND AMENDMENTS.
1.
HOOD COVERS, BODY, SLIDE & END CAP : PBT GLASS REINFORCED, COLOUR: BLACK
HOOD LOCK: PBT GLASS REINFORCED, COLOUR: RED
GASKETS & GROMMET: SILICONE RUBBER, COLOUR: BLACK
NDH HOOD FOR RJ45 CONNECTORS IS INTENDED FOR USE WITH MODULAR JACKS THAT
2.
HAVE PLUG TAB DOWN ORIENTATION. PLUGS MAY BE SHIELDED OR NON-SHIELDED.
NOTE THAT SOME PLUG OVER-MOULDS OR BOOT DESIGNS MAY NOT BE SUITABLE.
OPERATING TEMPERATURE -40° TO +80°C.
3.
NDH-R100 HOODS ARE PART OF AN IP67 SEALED SOLUTION WITH PUSH/PULL MATING
4.
FOR RJ45 ETHERNET APPLICATIONS. THE IP67 RATING APPLIES IN THE MATED
CONDITION FOR BOTH THE ENCLOSURE AND THE MATING INTERFACE.
FOR THE PCB MOUNTED MODULAR JACK, SEE AMPHENOL DRAWING P-RJULE-4X183-01.
5.
THE JACK IS AN 8 CONTACT, SHIELDED, TAB DOWN, ULTRA LOW PROFILE, RIGHT ANGLE
DESIGN CONNECTOR.
FOR THE BULKHEAD, REFER TO AMPHENOL DRAWING P-NDH-N200.
6.
FOR PART NUMBERS WITH CABLE ASSEMBLY AND/OR BULKHEAD INCLUDED, REFER TO
7.
AMPHENOL PART NUMBER: NDH-R100
.967
.266
6.75
24.56
11.70
.461
.734
18.65
1.117
2.642
3.85
67.10
.152
28.37
14.60
.575
THE TOP & BOTTOM PLUG
COVERS HAVE A POKE-YOKE
FEATURE. THEY CAN ONLY BE
ASSEMBLED ONTO THE PLUG
AND INTO THE HOOD BODY IN
ONE WAY.


Similar Part No. - P-NDH-R100

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-NDH-R5AX-AXXA AMPHENOLCS-P-NDH-R5AX-AXXA Datasheet
505Kb / 4P
NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASSY, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT
Rev. C
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
More results

Similar Description - P-NDH-R100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MRJ-258E-11-BP AMPHENOL-P-MRJ-258E-11-BP Datasheet
59Kb / 1P
MRJ SERIES BOOT FOR RJ PLUG & CABLE, RoHS COMPLIANT
logo
E-SWITCH
RDTCR10P1T E-SWITCH-RDTCR10P1T Datasheet
123Kb / 1P
REMOVE IP67 RATING
logo
CONEC Elektronische Bau...
39K1A205 CONEC-39K1A205 Datasheet
458Kb / 1P
Protective Cover Assembly Kit Industrial Ethernet Connector (IP67) RoHS compliant
logo
Laird Tech Smart Techno...
PDQ24499 LSTD-PDQ24499 Datasheet
619Kb / 2P
IP67 Rated and RoHS compliant
logo
DDK Ltd.
17JE-13090-02(D1)A DDK-17JE-13090-02(D1)A Datasheet
515Kb / 5P
17JE Series Hood Kit
17JE-13090-02(D8A)A-CG DDK-17JE-13090-02(D8A)A-CG Datasheet
938Kb / 5P
17JE Series Hood Kit
logo
Mallory Sonalert Produc...
ACC09 MSPI-ACC09 Datasheet
111Kb / 1P
Silicone O-Ring (Red-Orange) ROHS Compliant Helps seal Panel Hole to meet IP67 Rating.
logo
Amphenol Communications...
P-DRPC2-XXXX-XXXX AMPHENOLCS-P-DRPC2-XXXX-XXXX Datasheet
503Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. B
P-NDH-R5AX-AXXA AMPHENOLCS-P-NDH-R5AX-AXXA Datasheet
505Kb / 4P
NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASSY, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT
Rev. C
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com