Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3003NT1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMG3003NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MMG3003NT1
6-5
Freescale Semiconductor
RF Product Device Data
50 OHM TYPICAL CHARACTERISTICS
30
45
5.8
VCC, COLLECTOR VOLTAGE (V)
Figure 8. Third Order Output Intercept Point
versus Collector Voltage
42
39
36
33
6
6.2
6.4
6.6
f = 900 MHz
100 kHz Tone Spacing
100
−40
−20
0
20
40
60
80
39
42
T, TEMPERATURE (
_C)
Figure 9. Third Order Output Intercept Point
versus Case Temperature
41
40
VCC = 6.2 Vdc
f = 900 MHz
100 kHz Tone Spacing
8 Vdc Supply with 10
W Dropping Resistor
Figure 10. Third Order Intermodulation versus
Output Power
Pout, OUTPUT POWER (dBm)
24
912
15
18
21
−80
−30
−50
−60
−70
−40
VCC = 6.2 Vdc
ICC = 180 mA
f = 900 MHz
100 kHz Tone Spacing
150
103
105
120
Figure 11. MTTF versus Junction Temperature
104
125
130
135
140
145
TJ, JUNCTION TEMPERATURE (°C)
NOTE: The MTTF is calculated with VCC = 6.2 Vdc, ICC = 180 mA
4
0
8
0
f, FREQUENCY (GHz)
Figure 12. Noise Figure versus Frequency
VCC = 6.2 Vdc
ICC = 180 mA
6
4
2
0.5
2
3
1
1.5
2.5
3.5
19
−70
−20
9
Pout, OUTPUT POWER (dBm)
Figure 13. Single-Carrier W-CDMA Adjacent
Channel Power Ratio versus Output Power
−30
−40
−50
−60
17
15
13
11
VCC = 6.2 Vdc
ICC = 180 mA
f = 2140 MHz
C5 = 1.3 pF
Single−Carrier W−CDMA, 3.84 MHz Channel Bandwidth
PAR = 8.5 dB @ 0.01% Probability (CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com