Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1032 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CP1032
Description  Chopper Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP1032 Datasheet(HTML) 2 Page - Ceramate Technical

  CP1032 Datasheet HTML 1Page - Ceramate Technical CP1032 Datasheet HTML 2Page - Ceramate Technical CP1032 Datasheet HTML 3Page - Ceramate Technical CP1032 Datasheet HTML 4Page - Ceramate Technical CP1032 Datasheet HTML 5Page - Ceramate Technical CP1032 Datasheet HTML 6Page - Ceramate Technical CP1032 Datasheet HTML 7Page - Ceramate Technical CP1032 Datasheet HTML 8Page - Ceramate Technical CP1032 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CP1032
Chopper Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
2 of 12
Rev 1.1 Aug.31, 2004
(Unless otherwise specified, condition shall be VIN
=12V, IO=0.5A, VO=5V, Vsoft terminal=0.1⎧F, Ta=25°C)
Parameter
Symbol
Conditions
MIM.
TYP.
MAX.
Unit.
Test circuit of Figure2
4.9
5.0
5.1
V
0.5≦ILOAD≦3A
Test circuit of Figure2
0.5≦ILOAD≦3A
8V≦VIN≦40V
4.8
5.0
5.2
V
Output Voltage
VOUT
-40℃≦TJ≦125℃
Test circuit of Figure2
8V≦VIN≦40V
4.75
5.0
5.25
V
Efficiency
η
ILOAD=3A
80
%
Oscillator Frequency
fosc
135
150
165
kHz
Parameter
Symbol
Conditions
VSAT
Vref
∆Vref
|RegL|
|RegI|
η
fO
IL
Unit
MAX.
TYP.
MIN.
−
−
−
−
−
−
−
−−
1.235
135
0.7
0.8
0.9
3.6
ISW
=3A
−
Tj
=0 to 125˚C
IO
=0.5 to 3A
VIN
=8 to 35V
IO
=3A
−
1.4
1.26
±0.5
0.2
1
80
150
±2
4.2
1.8
1.285
1.5
2.5
165
5.8
(Unless otherwise specified, condition shall be VIN
=12V, IO=0.5A, VO=5V, Vsoft terminal=0.1µF, Ta=25˚C)
V
V
%
%
%
%
kHz
%
V
3.8
4.6
5.5
V
−
140
400
µA
−
816
mA
A
Output saturation voltage
Reference voltage
Reference voltage temperature fluctuation
Load regulation
Line regulation
Efficiency
Oscillation frequency
Oscillation frequency temperature fluctuation
Overcurrent detecting level
ON threshold voltage
Stand-by current
Output OFF-state dissipation current
∆fO
Tj
=0 to 125˚C
−
ICHG
−
−
−
−10
−
µA
1.3
−
V
2.3
−
V
Charge current
VTH(ON)
VTHIL
Input threshold voltage
VTHH
VTHL
ISD
IQS
Overcurrent shutdown threshold voltage
VIN
=40V, terminal=0.9V
Duty ratio
=100%, terminals is open, terminal
terminal
=0V, terminal
VIN
=40V, terminal=0V
Duty ratio
=0%, terminal=0V, terminal
,
terminals is open,
terminal
4
2
5
5
4
5
4
4
5
terminal
5
5
5
(CP1032-ADJ)
s Electrical Characteristics
(CP1032-5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com