Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP150-P35 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP150-P35
Description  150W ITE POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP150-P35 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP150-P35 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FSP150-P35 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FSP150-P35 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FSP150-P35 Series
FEATURES
•
Class-I design
•
Design to meet IEC 60950-1and IEC 62368-1 safety standard
•
Low profile 3x5x1.126 inches
•
No load power consumption less than 0.21W
•
EN 55032 Class B radiated emission
•
Surge protection ±2 KV diff, ±4 KV com
•
High altitude 5000 meters operation
•
OTP, Brown out protection
•
12V fan driver
DESCRIPTION
This AC-DC switching power supplies in a package of 3 x 5 inches is a Class-I PSU and no load power consumption less than 0.21W.
This PSU is capable of delivering 150 watts continuous power at 7 CFM forced air cooling or 100 watts continuous power at convection
cooling and 50℃ operation temperature. Product is suitable for display, information, and networking application.
INPUT SPECIFICATIONS
Input voltage:
Input frequency:
Input current:
No load power consumption
Earth leakage current:
Touch current:
90-264 VAC
47-63 Hz
1.7 A (rms) for 115 VAC
0.8 A (rms) for 230 VAC
≦
0.21W
0.75 mA max. @ 264 VAC, 63 Hz
0.25 mA max. @ 264 VAC, 63 Hz
GENERAL SPECIFICATIONS
Power factor:
Efficiency:
Power turn-on time:
Hold-up time:
Line regulation:
Inrush current:
Operating altitude:
Withstand voltage:
Isolation Resistance:
MTBF:
EMC Performance
EN55032
FCC:
VCCI:
EN61000-3-2:
EN61000-3-3:
EN61000-4-2:
EN61000-4-3:
EN61000-4-4:
EN61000-4-5:
EN61000-4-6:
EN61000-4-8:
EN61000-4-11:
0.98 minimum @ 115VAC & 100% load
0.9 minimum @ 230VAC & 100% load
See rating chart.
1.0 Sec maxi.
20 mS minimum at 115 VAC @ 100W
8 mS minimum at 115VAC @ 150W
±0.5% maximum at full load
45 A @ 115 VAC, at 25℃ cold start
90 A @ 230 VAC, at 25℃ cold start
5000 meters above sea level
3000 VAC from input to output,
1500 VAC from input to ground,
1500 VAC from output to ground
Input to output 100M ohm @ 500Vdc, 25℃
400,000 hours mini. at full load at 25℃ ambient, calculat-
ed per BELL CORE SR-332
Class B conducted, class B radiated
Class B conducted, class B radiated
Class B conducted, class B radiated
Harmonic distortion, class A and D
Line flicker
ESD, ±8 KV air and ±4 KV contact
Radiated immunity, 3 V/m
Fast transient/burst, ±1 KV
Surge, ±2 KV diff., ±4 KV com
Conducted immunity, 3 Vrms
Magnetic field immunity, 1 A/m
Voltage dip immunity,
30% reduction for 500 ms, criteria A
>95% reduction for 10 ms, criteria A
>95% reduction for 5000 mS, criteria B
OUTPUT SPECIFICATIONS
Output voltage/current:
Fan driver:
Total output power:
Protection:
Over voltage:
Short circuit &
Over current:
Over temperature:
Brown out:
Temperature coefficient:
Transient response:
ENVIRONMENTAL SPECIFICATIONS
Operating temperature:
Storage temperature:
Relative humidity:
Derating:
See rating chart.
Non-regulated 12V @ 500 mA max.
150W
Set at 110~122% of nominal output
voltage. Latch off
Output protected to short circuit
condition and auto recovery
Detected by thermistor and latch off
Set at 75VAC
All outputs ±0.04% /℃ maximum
Maximum excursion of 4% or better on
all models, recovering to 1% of final
value within 500 us after a 25% step
load change
-20℃~+70℃
-40℃~+85℃
5% to 95% non-condensing
Derate from 100% at +50℃ linearly to
50% at +70℃, applicable to both
convection and forced-air cooling
conditions
SAFETY STANDARD APPROVAL
1
www.fsp-group.com.tw
TECHNICAL DATASHEET
150W ITE POWER SUPPLIES
FSP150-P35 Series
© 2019 FSP Group. All Rights Reserved. All trademarks are registered to their respective owners.
2019.04 spec


Similar Part No. - FSP150-P35

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
FSP150-P24-C12 FSP-FSP150-P24-C12 Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
FSP150-P24-C54 FSP-FSP150-P24-C54 Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
More results

Similar Description - FSP150-P35

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU4-150 SLPOWER-FLU4-150 Datasheet
502Kb / 4P
150W QUAD OUTPUT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110 RSG-PU110_14 Datasheet
177Kb / 2P
72-110 WATT ITE POWER SUPPLIES
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
FSP200-P35 FSP-FSP200-P35 Datasheet
396Kb / 3P
200W ITE POWER SUPPLIES
2022.10
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
250W ITE Power Supplies
2022.04
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
350W ITE POWER SUPPLIES
2022.10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com