Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V19EE604 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # IDT5V19EE604
Description  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT5V19EE604 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button IDT5V19EE604 Datasheet HTML 10Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 11Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 12Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 13Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 14Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 15Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 16Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 17Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
IDT5V19EE604
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
14
IDT5V19EE604
REV M 092412
Progread
Note: If the expected read command is not from the next higher register to the previous read or write command, then set a
known “read” register address prior to a read operation by issuing the following command:
Prior to Progread Command Set Register Address
The user can ignore the STOP condition above and use a repeated START condition instead, straight after the slave
acknowledgement bit (i.e., followed by the Progread command):
Progread Command Frame
Progsave
Note:
PROGWRITE is for writing to the IDT5V19EE604 registers.
PROGREAD is for reading the IDT5V19EE604 registers.
PROGSAVE is for saving all the contents of the IDT5V19EE604 registers to the EEPROM.
PROGRESTORE is for loading the entire EEPROM contents to the IDT5V19EE604 registers.
Progrestore
EEPROM Interface
The IDT5V19EE604 can also store its configuration in an internal EEPROM. The contents of the device's internal
programming registers can be saved to the EEPROM by issuing a save instruction (ProgSave) and can be loaded back to
the internal programming registers by issuing a restore instruction (ProgRestore).
To initiate a save or restore using I2C, only two bytes are transferred. The Device Address is issued with the read/write bit
set to “0”, followed by the appropriate command code. The save or restore instruction executes after the STOP condition is
issued by the Master, during which time the IDT5V19EE604 will not generate Acknowledge bits. The IDT5V19EE604 will
acknowledge the instructions after it has completed execution of them. During that time, the I2C bus should be interpreted
as busy by all other users of the bus.
On power-up of the IDT5V19EE604, an automatic restore is performed to load the EEPROM contents into the internal
programming registers. The IDT5V19EE604 will be ready to accept a programming instruction once it acknowledges its 7-bit
I2C address.
SAddress
R/W
ACK
Command Code
ACK
Register
ACK
P
7-bits
0
1-bit
8-bits: xxxx xx00
1-bit
8-bits
1-bit
SAddress
R/W
ACK
ID Byte
ACK
Data_1
ACK
Data_2
ACK
Data_last
NACK
P
7-bits
1
1-bit
8-bits
1-bit
8-bits
1-bit
8-bits
1-bit
8-bits
1-bit
SAddress
R/W
ACK
Command Code
ACK
P
7-bits
0
1-bit
8-bits: xxxx xx01
1-bit
SAddress
R/W
ACK
Command Code
ACK
P
7-bits
0
1-bit
8-bits: xxxx xx10
1-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com