Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC600M Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # DC600M
Description  Enterprise Class Mixed-Use SSD with Power Loss Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

DC600M Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  DC600M Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd DC600M Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KC600 SSD
Hardware-based PLP — Power loss capacitors to
protect user data against unexpected power loss and
enhance performance.
Delivers excellent Quality of Service (QoS) 2 —
Optimized performance predictability to hit Service-
level agreements (SLAs).
SPECIFICATIONS
FEATURES / BENEFITS
AES 256-bit Self Encrypting Drive — Built in protection
to safeguard important data.
Capacities up to 7680GB — Upgrade and manage
storage with capacities up to 7680GB1.
Form Factor
2.5”
Interface
SATA Rev. 3.0 (6Gb/s) – with backwards
capability to SATA Rev 2.0 (3Gb/s)
Capacities1
480GB, 960GB, 1920GB, 3840GB, 7680G
NAND
3D TLC
Self-Encrypting Drive (SED)
AES 256-bit Encryption
Sequential Read/Write
480GB – 560MBs/470MBs
960GB – 560MBs/530MBs
1920GB – 560MBs/530MBs
3840GB – 560MBs/530MBs
7680GB – 560MBs/530MBs
Steady State 4k Random Read/Write
480GB – 94,000/41,000 IOPS
960GB – 94,000/65,000 IOPS
1920GB – 94,000/78,000 IOPS
3840GB – 94,000/59,000 IOPS
7680GB – 94,000/34,000 IOPS
Quality of Service (Latency)3,4,5,
(99.999) Read/Write
480GB – 180/110 uSec
960GB – 3840GB – 200/300 uSec
7680GB – 240/170 uSec
Typical Latency - Read/Write3,4,5
<200 µs / <30 us
Hot-Plug Capable
Static and Dynamic Wear Leveling
Enterprise SMART tools
Reliability tracking, usage statistics, life
remaining, wear leveling, temperature
Hardware-based Power Loss
Protection Endurance6,7
480GB – 876TBW, 1 DWPD (5 years), 1.66
DWPD (3 years)
960GB – 1752TBW, 1 DWPD (5 years), 1.66
DWPD (3 years)
1920GB – 3504TBW, 1 DWPD (5 years),
1.66 DWPD (3 years)
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2023 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-457
3840GB – 7008TBW, 1 DWPD (5 years),
1.66 DWPD (3 years)
7680GB – 14016TBW, 1 DWPD (5 years),
1.66 DWPD (3 years)
Power consumption
Idle: 1.30W
Average: 1.45W
Max Read: 1.6W
Max Write: 3.6W
Storage temperature
-40°C ~ 85°C
Operating temperature
0°C ~ 70°C
Dimensions
69.9mm x 100mm x 7mm
Weight
92.34g
Vibration operating
2.17G Peak (7–800Hz)
Vibration non-operating
20G Peak (10–2000Hz)
MTBF
2 million hours
Viberation non-operating
20G Peak (10-2000Hz)
Warranty/support8
Limited 5-year warranty with free
technical support
1. Some of the listed capacity on a flash storage device is used for formatting and other functions and thus is not available
for data storage. As such, the actual available capacity for data storage is less than what is listed on the products. For
more information, go to Kingston’s Flash Memory Guide at kingston.com/flashguide
2. Quality of Service (QoS) of an SSD refers to the consistency and predictability of Latency (response time) and IOPS (IOs
Per Second) performance while servicing a read/write workload. QoS metrics demonstrate that, given a worst-case
workload tested over a period of time, an SSD’s latency and IOPS profiles stay within a specified range without having
unexpected outliers causing a sudden drop in application performance.
3. Measurement taken once the workload has reached steady state but including all background activities required for
normal operation and data reliability.
4. Based on 1920GB capacity.
5. Workload based on FIO, Random Aligned 4KB QD=1 workload. Quality of Service is measured as the time taken for
99.999 percentile of commands to finish the round-trip from host to drive and to host. Typical Latency is measured as
the time taken for 99.999 percentile of commands to finish the round-trip from host to drive and to host.
6. Total Bytes Written (TBW) is derived from the JEDEC Enterprise Workload (JESD219A)..
7. Drives Writes Per Day (DWPD).
8. Five Year Conditional SSD Warranty based on which of the following events occurs first: (i) five (5) years from the
date of purchase by the original end user customer; (ii) when the usage of a SATA SSD as measured by Kingston’s
implementation of the SMART attribute 231, labeled as “SSD Wear Indicator”, reaches a normalized value of one (1) as
indicated by Kingston’s SSD Manager (“KSM”).
KINGSTON PART NUMBERS
DC600M SSD
SEDC600M/480G
SEDC600M/960G
SEDC600M/1920G
SEDC600M/3840G
SEDC600M/7680G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com