Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG198 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG198
Description  NPN 8 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG198 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG198 Datasheet HTML 1Page - NXP Semiconductors BFG198 Datasheet HTML 2Page - NXP Semiconductors BFG198 Datasheet HTML 3Page - NXP Semiconductors BFG198 Datasheet HTML 4Page - NXP Semiconductors BFG198 Datasheet HTML 5Page - NXP Semiconductors BFG198 Datasheet HTML 6Page - NXP Semiconductors BFG198 Datasheet HTML 7Page - NXP Semiconductors BFG198 Datasheet HTML 8Page - NXP Semiconductors BFG198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 Sep 12
2
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFG198
DESCRIPTION
NPN planar epitaxial transistor in a
plastic SOT223 envelope, intended
for wideband amplifier applications.
The device features a high gain and
excellent output voltage capabilities.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
Fig.1 SOT223.
age
4
123
MSB002 - 1
Top view
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
10
V
IC
DC collector current
−−
100
mA
Ptot
total power dissipation
up to Ts = 135 °C (note 1)
−−
1W
hFE
DC current gain
IC = 50 mA; VCE =5V; Tj =25 °C40
90
fT
transition frequency
IC = 50 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
8
GHz
GUM
maximum unilateral power
gain
IC = 50 mA; VCE = 8 V; f = 500 MHz;
Tamb =25 °C
18
dB
IC = 50 mA; VCE = 8 V; f = 800 MHz;
Tamb =25 °C
15
dB
Vo
output voltage
dim = −60 dB; IC = 70 mA; VCE =8V;
RL =75 Ω; Tamb =25 °C;
f(p+q−r) = 793.25 MHz
700
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
10
V
VEBO
emitter-base voltage
open collector
2.5
V
IC
DC collector current
100
mA
Ptot
total power dissipation
up to Ts = 135 °C (note 1)
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com