Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V35 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 70V35
Description  HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V35 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 70V35 Datasheet HTML 17Page - Renesas Technology Corp 70V35 Datasheet HTML 18Page - Renesas Technology Corp 70V35 Datasheet HTML 19Page - Renesas Technology Corp 70V35 Datasheet HTML 20Page - Renesas Technology Corp 70V35 Datasheet HTML 21Page - Renesas Technology Corp 70V35 Datasheet HTML 22Page - Renesas Technology Corp 70V35 Datasheet HTML 23Page - Renesas Technology Corp 70V35 Datasheet HTML 24Page - Renesas Technology Corp 70V35 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
6.42
21
70V35/34S/L (70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT70V35/34 (IDT70V25/24) SRAMs.
notdesirable,theBUSYlogiccanbedisabledbyplacingthepartinslave
modewiththeM/Spin.OnceinslavemodetheBUSYpinoperatessolely
asawriteinhibitinputpin.Normaloperationcanbeprogrammedbytying
the BUSY pins HIGH. If desired, unintended write operations can be
prevented to a port by tying the BUSY pin for that port LOW.
The BUSY outputs on the IDT70V35/34 (IDT70V25/24) SRAM in
master mode, are push-pull type outputs and do not require pull up
resistorstooperate.IftheseSRAMsarebeingexpandedindepth,then
theBUSYindicationfortheresultingarrayrequirestheuseofanexternal
AND gate.
Width Expansion with Busy Logic
Master/Slave Arrays
When expanding an IDT70V35/34 (IDT70V25/24) SRAM array in
widthwhileusingBUSYlogic,onemasterpartisusedtodecidewhichside
of the SRAM array will receive a BUSY indication, and to output that
indication. Any number of slaves to be addressed in the same address
range as the master, use the BUSY signal as a write inhibit signal. Thus
on the IDT70V35/34 (IDT70V25/24) SRAM the BUSYpin is an output if
thepartisusedasamaster(M/Spin=VIH),andtheBUSYpinisaninput
if the part used as a slave (M/S pin = VIL) as shown in Figure 3.
Iftwoormoremasterpartswereusedwhenexpandinginwidth,asplit
decisioncouldresultwithonemasterindicatingBUSYononesideofthe
arrayandanothermasterindicatingBUSYononeothersideofthearray.
Thiswouldinhibitthewriteoperationsfromoneportforpartofawordand
inhibitthewriteoperationsfromtheotherportfortheotherpartoftheword.
The BUSYarbitration, on a master, is based on the chip enable and
address signals only. It ignores whether an access is a read or write. In
a master/slave array, both address and chip enable must be valid long
enoughforaBUSYflagtobeoutputfromthemasterbeforetheactualwrite
pulsecanbeinitiatedwitheithertheR/Wsignalorthebyteenables.Failure
toobservethistimingcanresultinaglitchedinternalwriteinhibitsignaland
corrupted data in the slave.
Semaphores
The IDT70V35/34 (IDT70V25/24) is an extremely fast Dual-Port 8/
4K x 18 (8/4K x 16) CMOS Static RAM with an additional 8 address
locationsdedicatedtobinarysemaphoreflags.Theseflagsalloweither
processorontheleftorrightsideoftheDual-PortSRAMtoclaimaprivilege
overtheotherprocessorforfunctionsdefinedbythesystemdesigner’s
Functional Description
The IDT70V35/34 (IDT70V25/24) provides two ports with separate
control,addressandI/Opinsthatpermitindependentaccessforreadsor
writestoanylocationinmemory.TheIDT70V35/34(IDT70V25/24)has
anautomaticpowerdownfeaturecontrolledbyCE.TheCEcontrolson-
chip power down circuitry that permits the respective port to go into a
standby mode when not selected (CE HIGH). When a port is enabled,
accesstotheentirememoryarrayispermitted.
Interrupts
Iftheuserchoosestheinterruptfunction,amemorylocation(mailbox
or message center) is assigned to each port. The left port interrupt flag
(INTL) is asserted when the right port writes to memory location 1FFE
(HEX) (FFE for IDT70V34 and IDT70V24), where a write is defined as
theCER=R/WR=VILperTruthTableIII.Theleftportclearstheinterrupt
on the IDT70V35 and IDT70V25 by an address location 1FFE (FFE for
IDT70V34andIDT70V24)accesswhenCEL=OEL=VIL,R/WLisa"don't
care".Likewise,therightportinterruptflag(INTR)issetwhentheleftport
writestomemorylocation1FFFforIDT70V35andIDT70V25(HEX)(FFF
for IDT70V34 and IDT70V24) and to clear the interrupt flag (INTR), the
right port must read the memory location 1FFF for IDT70V35 and
IDT70V25 (FFF for IDT70V34 and IDT70V24). The message (16 bits)
at 1FFE or 1FFF for IDT70V35 and IDT70V25 (FFE or FFF for
IDT70V34 and IDT70V24) is user-defined, since it is an addressable
SRAMlocation.Iftheinterruptfunctionisnotused,addresslocations1FFE
and1FFFforIDT70V35andIDT70V25(FFEandFFFforIDT70V34and
IDT70V24)arenotusedasmailboxes,butaspartoftherandomaccess
memory. Refer to Truth Table III for the interrupt operation.
Busy Logic
BusyLogicprovidesahardwareindicationthatbothportsoftheSRAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheSRAMis“busy”.
TheBUSY pincanthenbeusedtostalltheaccessuntiltheoperationon
theothersideiscompleted.Ifawriteoperationhasbeenattemptedfrom
thesidethatreceivesaBUSYindication,thewritesignalisgatedinternally
to prevent the write from proceeding.
TheuseofBUSYlogicisnotrequiredordesirableforallapplications.
InsomecasesitmaybeusefultologicallyORtheBUSYoutputstogether
and use any BUSY indication as an interrupt source to flag the event of
anillegalorillogicaloperation.IfthewriteinhibitfunctionofBUSYlogicis
5624 drw 19
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
BUSYL
BUSYR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com