Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT3244ASOG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74FCT3244ASOG
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT3244ASOG Datasheet(HTML) 3 Page - Renesas Technology Corp

  74FCT3244ASOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT3244ASOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT3244ASOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT3244ASOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT3244ASOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT3244ASOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT3244ASOG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
74FCT3244/A
3.3VCMOSOCTALBUFFER/LINEDRIVER
3
Feb.11.20
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2
—
5.5
V
Input HIGH Level (I/O pins)
2
—
Vcc+0.5
VIL
Input LOW Level
Guaranteed Logic LOW Level
–0.5
—
0.8
V
(Input and I/O pins)
IIH
Input HIGH Current (Input pins)
VCC = Max.
VI = 5.5V
—
—
±1µA
Input HIGH Current (I/O pins)
VI = VCC
——
±1
IIL
Input LOW Current (Input pins)
VI = GND
—
—
±1
Input LOW Current (I/O pins)
VI = GND
—
—
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
——
±1µA
IOZL
(3-StateOutputpins)
VO = GND
—
—
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
50
90
200
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –0.1mA
VCC–0.2
—
—
V
VIN = VIH or VIL
IOH = –3mA
2.4
3
—
VCC = 3V
IOH = –8mA
2.4(5)
3—
VIN = VIH or VIL
VOL
OutputLOWVoltage
VCC = Min.
IOL = 0.1mA
—
—
0.2
V
VIN = VIH or VIL
IOL = 16mA
—
0.2
0.4
IOL = 24mA
—
0.3
0.55
VCC = 3V
IOL = 24mA
0.3
0.5
VIN = VIH or VIL
IOS
ShortCircuitCurrent(4)
VCC = Max., VO = GND(3)
–60
–135
–240
mA
VH
Input Hysteresis
—
—
150
—
mV
ICCL
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
—
0.1
10
µA
ICCH
ICCZ
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = -40°C to +85°C, VCC = 2.7V to 3.6V
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC - 0.6V at rated current.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com