Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49FCT805CTSOG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 49FCT805CTSOG
Description  FAST CMOS BUFFER/CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

49FCT805CTSOG Datasheet(HTML) 4 Page - Renesas Technology Corp

  49FCT805CTSOG Datasheet HTML 1Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 2Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 3Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 4Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 5Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 6Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 7Page - Renesas Technology Corp 49FCT805CTSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT49FCT805BT/CT
FAST CMOSBUFFER/CLOCKDRIVER
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
—
1
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
VIN = VCC
—
60
100
µA/MHz
OutputsOpen
VIN = GND
OE
A
= OEB = GND
50% Duty Cycle
IC
TotalPowerSupplyCurrent(6)
VCC = Max.
VIN = VCC
—
1.5
3
OutputsOpen
VIN = GND
fO = 25MHz
50% Duty Cycle
VIN = 3.4V
—
1.8
4
OE
A
= OEB = VCC
VIN = GND
Mon.OutputToggling
VCC = Max.
VIN = VCC
—
33
55.5
(5)
mA
OutputsOpen
VIN = GND
fO = 50MHz
50% Duty Cycle
VIN = 3.4V
—
33.5
57.5
(5)
OE
A
= OEB = GND
VIN = GND
ElevenOutputsToggling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com