Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49FCT805CTDB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 49FCT805CTDB
Description  FAST CMOS BUFFER/CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

49FCT805CTDB Datasheet(HTML) 2 Page - Renesas Technology Corp

  49FCT805CTDB Datasheet HTML 1Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 2Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 3Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 4Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 5Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 6Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 7Page - Renesas Technology Corp 49FCT805CTDB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT49FCT805BT/CT
FAST CMOSBUFFER/CLOCKDRIVER
QSOP/ SOIC/ SSOP/ CERDIP
TOP VIEW
LCC
TOP VIEW
1
2
3
4
5
6
7
8
9
101112 13
14
15
16
17
18
19
20
OA3
OA4
OA5
GND
GND
(1)
OB3
OB4
OB5
OB2
GND
INDEX
VCC
OA1
OA2
GND
(1)
INA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
OA3
OA4
OA5
OEA
VCC
OB1
GND
MON
INB
OB2
OB3
OB4
OB5
OEB
GND
NOTE:
1. Pin 8 is internally connected to GND. To insure compatibility with all products, pin
8 should be connected to GND at the board level.
PIN DESCRIPTION
Pin Names
Description
OEA
, OEB
3-StateOutputEnableInputs(ActiveLOW)
INA, INB
Clock Inputs
OAx, OBx
ClockOutputs
MON
MonitorOutput
FUNCTION TABLE(1)
Inputs
Outputs
OE
A
, OEB
INA, INB
OAx, OBx
MON
LLL
L
LH
H
H
HL
Z
L
HH
Z
H
NOTE:
1. H = HIGH
L = LOW
Z = High-Impedance
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM
TerminalVoltagewithRespecttoGND
–0.5 to +7
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+120
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
4.5
6
pF
COUT
OutputCapacitance
VOUT = 0V
5.5
8
pF
NOTE:
1. This parameter is measured at characterization but not tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com