Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70P246A55BYAI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 70P246A55BYAI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI Datasheet(HTML) 1 Page - Renesas Technology Corp

  70P246A55BYAI Datasheet HTML 1Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 2Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 3Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 4Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 5Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 6Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 7Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 8Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
©2009 Integrated Device Technology, Inc.
JANUARY 2009
DSC-5699/2
I/O
Control
Address
Decoder
A12L(1)
A0L
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
OEL
R/
WL
CEL
5699 drw 01
OER
R/
WR
CER
SEML
INTL
SEMR
INTR
13
13
A12R(1)
A0R
Address
Decoder
I/O
Control
BUSYL
I/O8L-I/O15L
I/O0L-I/O7L
BUSYR
I/O8R-I/O15R
I/O0R-I/O7R
(2)
(2)
,
INPUT
READ REGISTER
AND
OUTPUT
DRIVE REGISTER
OEL
R/
WL
CEL
OER
R/
WR
CER
IRR0,IRR1
OD R0 - ODR4
R/
WL
UBL
LBL
CEL
OEL
R/
WR
UBR
LBR
CER
OER
SFEN
(2)
(2)
PRELIMINARY
IDT70P256/246L
VERY LOW POWER 1.8V
8K/4K x 16 DUAL-PORT
STATIC RAM
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Industrial: 55ns (max.)
◆
◆
◆
◆
◆
Low-power operation
IDT70P256/246L
Active: 27mW (typ.)
Standby: 3.6
µW (typ.)
◆
◆
◆
◆
◆
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
◆
◆
◆
◆
◆
Supports 3.0V and 2.5V I/O's
◆
◆
◆
◆
◆
Input Read Register
◆
◆
◆
◆
◆
Output Drive Register
◆
◆
◆
◆
◆
BUSY and Interrupt Flag
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
LVTTL-compatible, single 1.8V (±100mV) power supply
◆
◆
◆
◆
◆
Available in 100 Ball 0.5mm-pitch BGA
◆
◆
◆
◆
◆
Industrial temperature range (-40°C to +85°C)
◆
◆
◆
◆
◆
Green parts available, see ordering information
Functional Block Diagram
NOTES:
1. A12X is a NC for IDT70P246.
2.
BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 70P246A55BYAI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70P244L40BYGI RENESAS-70P244L40BYGI Datasheet
353Kb / 15P
VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
70P244L55BYGI RENESAS-70P244L55BYGI Datasheet
353Kb / 15P
VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
70P245L65BYGI RENESAS-70P245L65BYGI Datasheet
442Kb / 23P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
70P245L90BYGI RENESAS-70P245L90BYGI Datasheet
442Kb / 23P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Integrated Device Techn...
70P247 IDT-70P247 Datasheet
169Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70P246A55BYAI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P258 IDT-IDT70P258_09 Datasheet
174Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com