Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG540/X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFG540/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG540/X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFG540/X Datasheet HTML 5Page - NXP Semiconductors BFG540/X Datasheet HTML 6Page - NXP Semiconductors BFG540/X Datasheet HTML 7Page - NXP Semiconductors BFG540/X Datasheet HTML 8Page - NXP Semiconductors BFG540/X Datasheet HTML 9Page - NXP Semiconductors BFG540/X Datasheet HTML 10Page - NXP Semiconductors BFG540/X Datasheet HTML 11Page - NXP Semiconductors BFG540/X Datasheet HTML 12Page - NXP Semiconductors BFG540/X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Oct 02
9
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG505; BFG505/X
Fig.14 Common emitter input reflection coefficient (S11).
handbook, full pagewidth
MRA646
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
3 GHz
40 MHz
VCE = 6 V; IC = 5 mA.
Zo =50 Ω.
Fig.15 Common emitter forward transmission coefficient (S21).
handbook, full pagewidth
MRA647
15
12
9
6
3
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
3 GHz
40 MHz
VCE = 6 V; IC = 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com