Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3603HV2 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT3603HV2
Description  3-Channel LED Driver in 3x3mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603HV2 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT3603HV2 Datasheet HTML 1Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT3603
© 2006 Catalyst Semiconductor, Inc.
3
Doc. No. 5017 Rev. C
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 60mA (3 LEDs at 20mA), C1 = C2 = CIN = COUT = 1µF, TAMB = 25°C unless otherwise specified.
Efficiency vs. Input Voltage (3 LEDs on)
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
20mA
per LED
15mA
per LED
1x Mode
1.5x Mode
Efficiency vs. Total LED Current (3 LEDs)
40
50
60
70
80
90
100
0
2040
6080
100
LED CURRENT [mA]
VIN = 4V (1x Mode)
VIN = 3.2V (1.5x Mode)
Quiescent Current vs. Input Voltage (1x Mode)
0.0
0.2
0.4
0.6
0.8
3.0
3.2 3.4
3.6
3.8 4.0
4.2
INPUT VOLTAGE [V]
LEDs Off
Quiescent Current vs. Temperature (1x Mode)
0.0
0.2
0.4
0.6
0.8
-40
0
40
80
120
TEMPERATURE [°C]
LEDs Off
Quiescent Current vs. Input Voltage (1.5x Mode)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
3.0
3.2 3.4
3.6
3.8 4.0
4.2
INPUT VOLTAGE [V]
LEDs Off
Quiescent Current vs. Temperature (1.5x Mode)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40
0
40
80
120
TEMPERATURE [°C]
LEDs Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com