Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520/X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG520/X
Description  NPN 9 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG520/X Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG520/X Datasheet HTML 1Page - NXP Semiconductors BFG520/X Datasheet HTML 2Page - NXP Semiconductors BFG520/X Datasheet HTML 3Page - NXP Semiconductors BFG520/X Datasheet HTML 4Page - NXP Semiconductors BFG520/X Datasheet HTML 5Page - NXP Semiconductors BFG520/X Datasheet HTML 6Page - NXP Semiconductors BFG520/X Datasheet HTML 7Page - NXP Semiconductors BFG520/X Datasheet HTML 8Page - NXP Semiconductors BFG520/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG520; BFG520/X; BFG520/XR
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
70
mA
Ptot
total power dissipation
up to Ts = 88 °C; note 1
−
300
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
thermal resistance from junction to
soldering point
up to Ts =88 °C; note 1
290 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com