Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDBPT Datasheet(PDF) 1 Page - Bertech.

Part # ESDBPT
Description  ESD Polyester Tapes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

ESDBPT Datasheet(HTML) 1 Page - Bertech.

  ESDBPT Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product for any
particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is ultimately the
responsibility of the customer to determine a product’s suitability for a particular application.
ESD Polyester Tapes
RoHS & REACH Compliant
ESDBPT, ESDCPT, ESDGPT Series
ESD Polyester Tapes are made from 1 mil thick polyester film with 1.5 mil of silicone adhesive. They are
designed for high temperature masking of electronic devices that are sensitive to electrostatic charge. These
tapes are tear resistant and can be removed without leaving any residue. They are packaged as 72-yard-long
rolls on a 3-inch core with an ESD symbol at the tab of the roll.
APPLICATIONS: Masking Electro-Static Sensitive Devices and Components, Shipping and Storage of Electro-
static Charged Material.
TYPICAL PHYSICAL PROPERTIES (1)
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.
Color
Blue, Clear, or Green
Adhesion Type
Silicone
Thickness
2.5 Mil
Material
Polyester
Static Charge
< 150 Volts – Removal from roll
Operating Temperature
-400 C (-400 F) to 1800 C (3560 F)
Tensile Strength
25 lbs./in.
Adhesion to Steel
30 oz./in.
Elongation
> 30 %
Dielectric Strength
4,200 Volts


Similar Part No. - ESDBPT

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDBP5V0D3 JIANGSU-ESDBP5V0D3 Datasheet
651Kb / 6P
BI-direction ESD Protection Diode
More results

Similar Description - ESDBPT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4950 3M-4950 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
9425 3M-9425 Datasheet
61Kb / 5P
3M Repositionable Tapes
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com