Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDCT3P Datasheet(PDF) 1 Page - Bertech.

Part # ESDCT3P
Description  ESD Printed Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

ESDCT3P Datasheet(HTML) 1 Page - Bertech.

  ESDCT3P Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product for any
particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is ultimately the
responsibility of the customer to determine a product’s suitability for a particular application.
ESD Printed Tape
RoHS & REACH Compliant
ESDCT3P Series
ESD Printed Tapes with ESD Symbol are made of a 2 mil clear cellulose material with a printed ESD symbol.
They are ideal for general packaging in environments where static is an issue. These ESD tapes are
biodegradable and can be cut by hand. They are coated with a solvent based natural rubber adhesive, which
provides excellent tack and holding power. ESD Tapes are perfect for the electronics industry since they are
virtually static free and can be used to close inner boxes and wrap electronic components. These tapes are
available on a 3" core and are 72 yards long.
Applications: Aerospace Assembly, Computer Operators, Computer Technicians, Electronic Assembly, Fiber
Optics Manufacturing, Hospitals, and Solar Industries.
TYPICAL PHYSICAL PROPERTIES (1)
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.
Color
Clear with ESD symbol
Adhesion Type
Rubber
Thickness
2 Mil
Material
Cellulose Cellophane Film
Static Generation
< 250 volts @ 50% RH
Operating Temperature
600 C (1400 F)
Tensile Strength
25 lbs./in.
Adhesion to Steel
66 oz./in.
Elongation
18 %
Static Decay
< 0.014 Seconds


Similar Part No. - ESDCT3P

ManufacturerPart #DatasheetDescription
logo
Bertech.
ESDCT3C BERTECH-ESDCT3C Datasheet
197Kb / 1P
ESD Clear Tape
More results

Similar Description - ESDCT3P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
47020 ETC2-47020 Datasheet
254Kb / 1P
WESCORP ESD HIGH TEMP MASKING TAPE, PAPER CORE
81222 ETC2-81222 Datasheet
144Kb / 1P
WESCORP ESD CELLULOSE TAPE, PAPER CORE
79204 ETC-79204 Datasheet
375Kb / 6P
ESD Tape Applications
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1507 3M-1507 Datasheet
271Kb / 2P
Venture Tape™ Line Set Tape & Venture Tape™ Reflective
Jan-2017
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
828CP 3M-828CP Datasheet
579Kb / 7P
3M??Scotch짰 Custom Printed Pouch Tape 828CP
3732 3M-3732 Datasheet
571Kb / 4P
3M??Scotch짰 High Performance Printed Box Sealing Tape 3732
logo
Bertech.
ESDCT3C BERTECH-ESDCT3C Datasheet
197Kb / 1P
ESD Clear Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com