Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT2 Datasheet(PDF) 1 Page - Bertech.

Part # KPT2
Description  2 Mil Kapton Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

KPT2 Datasheet(HTML) 1 Page - Bertech.

  KPT2 Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
2 Mil Kapton Tape
RoHS Compliant
KPT2 Series
Kapton Tape is made from DuPont Kapton® Polyimide film with silicon adhesive. It has been
used in applications at temperatures as low as -73°C (-99°F) and as high as 260°C (500°F).
Features:
• Thin and conformable enabling masking of uneven surfaces
• Wide operating temperature range up to 500°F
• Removes cleanly without adhesive residue after exposure to heat
• High performance silicone adhesive
• High strength backing provides superior resistance to puncture and tear
• Resistance to chemical attack
APPLICATIONS: 3D Printing, Aerospace Assembly, Automotive Facilities, Electronic Assembly, Fiber
Optics Manufacturing, and Solar Panels.
TYPICAL PHYSICAL PROPERTIES (1)
Color
Amber
Adhesion Type
Silicone
Film Thickness
2 Mil
Adhesive Thickness
1.5 Mil
Total Thickness
3.5 Mil
Tensile Strength
50 lbs./inch
Elongation
45 %
Dielectric Strength
12,000 volts
Operating Temperature
-73°C (-99°F) - 260°C (500°F)
Resistance to acids, oils, solvents
Excellent
Length
36 yards
Kapton® is a trademark of Dupont
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - KPT2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPT2A20-16PEX ITT-KPT2A20-16PEX Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
KPT2E12-10PDV ITT-KPT2E12-10PDV Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
KPT2E12-10PXDV ITT-KPT2E12-10PXDV Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
KPT2E22-55SEWA71 ITT-KPT2E22-55SEWA71 Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
More results

Similar Description - KPT2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734200672 MOLEX11-0734200672 Datasheet
53Kb / 1P
50 Ohms, SMP-MAX Plug Detent, Straight, Surface Mount, Tape and Reel with Kapton
0734156181 MOLEX11-0734156181 Datasheet
73Kb / 1P
50 Ohms, SMP Surface Mount Plug, Limited Detent, Tape and Reel with Kapton Tape
0734151632 MOLEX11-0734151632 Datasheet
60Kb / 1P
75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel with Kapton Tape
0734151632 MOLEX-0734151632_V01 Datasheet
51Kb / 1P
75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel with Kapton Tape
logo
3M Electronics
3325 3M-3325 Datasheet
29Kb / 2P
1.5 Mil Copper Foil Tape
34383 3M-34383 Datasheet
29Kb / 2P
Selfwound 3 Mil Aluminum Foil Tape
logo
Bertech.
PPTA BERTECH-PPTA Datasheet
106Kb / 1P
1 Mil Polyimide Tape RoHS Compliant PPTA Series
KPT BERTECH-KPT Datasheet
158Kb / 1P
1 Mil Kapton Tape
KPT5 BERTECH-KPT5 Datasheet
158Kb / 1P
5 Mil Kapton Tape
KPTLS BERTECH-KPTLS Datasheet
111Kb / 1P
Low Static Kapton Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com