Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV160 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV160
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV160 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV160 Datasheet HTML 1Page - ATMEL Corporation AT49BV160 Datasheet HTML 2Page - ATMEL Corporation AT49BV160 Datasheet HTML 3Page - ATMEL Corporation AT49BV160 Datasheet HTML 4Page - ATMEL Corporation AT49BV160 Datasheet HTML 5Page - ATMEL Corporation AT49BV160 Datasheet HTML 6Page - ATMEL Corporation AT49BV160 Datasheet HTML 7Page - ATMEL Corporation AT49BV160 Datasheet HTML 8Page - ATMEL Corporation AT49BV160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
AT49BV/LV160(T)/161(T)
1427L–FLASH–02/03
Device
Operation
READ: The AT49BV/LV16X(T) is accessed like an EPROM. When CE and OE are low and
WE is high, the data stored at the memory location determined by the address pins are
asserted on the outputs. The outputs are put in the high-impedance state whenever CE or OE
is high. This dual-line control gives designers flexibility in preventing bus contention.
COMMAND SEQUENCES: When the device is first powered on, it will be reset to the read or
standby mode, depending upon the state of the control line inputs. In order to perform other
device functions, a series of command sequences are entered into the device. The command
sequences are shown in the “Command Definition in Hex” table on page 13 (I/O8 - I/O15 are
don’t care inputs for the command codes). The command sequences are written by applying a
low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The address
is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the
first rising edge of CE or WE. Standard microprocessor write timings are used. The address
locations used in the command sequences are not affected by entering the command
sequences.
RESET: A RESET input pin is provided to ease some system applications. When RESET is at
a logic high level, the device is in its standard operating mode. A low level on the RESET input
halts the present device operation and puts the outputs of the device in a high-impedance
state. When a high level is reasserted on the RESET pin, the device returns to the read or
standby mode, depending upon the state of the control inputs.
ERASURE: Before a byte/word can be reprogrammed, it must be erased. The erased state of
memory bits is a logical “1”. The entire device can be erased by using the Chip Erase com-
mand or individual sectors can be erased by using the Sector Erase command.
CHIP ERASE: The entire device can be erased at one time by using the six-byte chip erase
software code. After the chip erase has been initiated, the device will internally time the erase
operation so that no external clocks are required. The maximum time to erase the chip is t
EC.
If the sector lockdown has been enabled, the chip erase will not erase the data in the sector
that has been locked out; it will erase only the unprotected sectors. After the chip erase, the
device will return to the read or standby mode.
SECTOR ERASE: As an alternative to a full chip erase, the device is organized into 39 sec-
tors (SA0 - SA38) that can be individually erased. The Sector Erase command is a six-bus
cycle operation. The sector address is latched on the falling WE edge of the sixth cycle while
the 30H data input command is latched on the rising edge of WE. The sector erase starts after
the rising edge of WE of the sixth cycle. The erase operation is internally controlled; it will
automatically time to completion. The maximum time to erase a sector is t
SEC. When the sec-
tor programming lockdown feature is not enabled, the sector will erase (from the same Sector
Erase command). An attempt to erase a sector that has been protected will result in the oper-
ation terminating in 2 µs.
BYTE/WORD PROGRAMMING: Once a memory block is erased, it is programmed (to a logi-
cal “0”) on a byte-by-byte or on a word-by-word basis. Programming is accomplished via the
internal device command register and is a four-bus cycle operation. The device will automati-
cally generate the required internal program pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com