Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBBD4290 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBBD4290
Description  Dual P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBBD4290 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBBD4290 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBBD4290 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 19
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = - 250 µA
2.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.4
- 1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
- 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currentb
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 10
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = - 4.5 V, ID = - 3.1 A
0.083
Ω
VGS = - 2.5 V, ID = - 2.8 A
0.100
VGS = - 1.8 V, ID = - 2.5 A
0.130
Forward Transconductanceb
gfs
VDS = - 10 V, ID = - 3.1 A
9.5
S
Dynamica
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
455
pF
Output Capacitance
Coss
70
Reverse Transfer Capacitance
Crss
54
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 5 V, ID = - 3.1 A
711
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 3.1 A
6.2
9.3
Gate-Source Charge
Qgs
0.85
Gate-Drain Charge
Qgd
1.75
Gate Resistance
Rg
f = 1 MHz
1.22
6.1
12.2
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 4.2 Ω
ID ≅ - 2.4 A, VGEN = - 8 V, Rg = 1 Ω
36
ns
Rise Time
tr
11
17
Turn-Off Delay Time
td(off)
21
32
Fall Time
tf
612
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 4.2 Ω
ID ≅ - 2.4 A, VGEN = - 4.5 V, Rg = 1 Ω
10
20
Rise Time
tr
32
48
Turn-Off Delay Time
td(off)
25
38
Fall Time
tf
612
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 2.6
A
Pulse Diode Forward Currenta
ISM
- 10
Body Diode Voltage
VSD
IS = - 2.4 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 2.4 A, dI/dt = 100 A/µs, TJ = 25 °C
21
32
ns
Body Diode Reverse Recovery Charge
Qrr
13
20
nC
Reverse Recovery Fall Time
ta
17
ns
Reverse Recovery Rise Time
tb
4
www.VBsemi.com
VBBD4290
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com