Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162500CTPVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT162500CTPVG
Description  FAST CMOS 18-BIT REGISTERED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT162500CTPVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT162500CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT162500CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT162500AT/CT
FASTCMOS18-BITREGISTEREDTRANSCEIVER
SSOP
TOP VIEW
PIN CONFIGURATION
GND
B2
B3
GND
B4
B5
VCC
B6
B7
B1
B8
B9
B10
B11
GND
B12
B13
VCC
B14
GND
CLKAB
B16
B15
B17
GND
B18
GND
CLKBA
OEAB
LEAB
A1
GND
A2
A3
VCC
A4
A5
GND
A6
A7
A8
A9
GND
A10
A11
VCC
A12
A18
A14
A13
A16
GND
A17
LEBA
A15
OEBA
47
37
38
39
40
41
42
43
44
45
46
33
34
35
36
56
55
49
50
51
52
53
54
48
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
29
30
31
32
25
26
27
28
PIN DESCRIPTION
Pin Names
Description
OEAB
A-to-B Output Enable Input
OEBA
B-to-A Output Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input
LEBA
B-to-A Latch Enable Input
CLKAB
A-to-B Clock Input (Active LOW)
CLKBA
B-to-A Clock Input (Active LOW)
A x
A-to-B Data Inputs or B-to-A 3-State Outputs
B x
B-to-A Data Inputs or A-to-B 3-State Outputs
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to 7
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
(1)
(1)
(1)
(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. All device terminals except FCT162XXX Output and I/O terminals.
3. Output and I/O terminals for FCT162XXX.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
COUT
Output Capacitance
VOUT = 0V
3.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
FUNCTION TABLE(1, 4)
NOTES:
1. A-to-B data flow is shown. B-to-A data flow is similar but uses
OEBA, LEBA,
and
CLKBA.
2. Output level before the indicated steady-state input conditions were established.
3. Output level before the indicated steady-state input conditions were established,
provided that
CLKAB was LOW before LEAB went LOW.
4. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
Z = High-impedance
↓ = HIGH-to-LOW Transition
Inputs
Outputs
OEAB
LEAB
CLKAB
Ax
Bx
LX
X
X
Z
HH
X
L
L
HH
X
H
H
HL
↓
LL
HL
↓
HH
HL
H
X
B(2)
HL
L
X
B(3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com