Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT16543CTPVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT16543CTPVG
Description  FAST CMOS 16-BIT LATCHED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT16543CTPVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT16543CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT16543CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT16543AT/CT
FAST CMOS 16-BIT LATCHED TRANSCEIVER
PIN CONFIGURATION
TOP VIEW
1
B1
1
B2
GND
1
B3
1
B4
VCC
1
B5
1
B6
1
OEBA
1
B7
1
B8
2
B1
2
B2
GND
2
B3
2
B4
VCC
2
B5
GND
2
B7
2
B6
2
B8
GND
2
OEBA
GND
1
A1
1
A2
VCC
1
A3
1
A4
GND
1
A5
1
A6
1
A7
1
A8
GND
2
A1
2
A2
VCC
2
A3
2
A5
2
A4
2
A7
GND
2
A8
2
A6
2
OEAB
2
LEAB
2
CEAB
1
CEAB
1
LEAB
1
OEAB
1
LEBA
1
CEBA
2
LEBA
2
CEBA
47
37
38
39
40
41
42
43
44
45
46
33
34
35
36
56
55
49
50
51
52
53
54
48
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
29
30
31
32
25
26
27
28
PIN DESCRIPTION
Pin Names
Description
xOEAB
A-to-B Output Enable Input (Active LOW)
xOEBA
B-to-A Output Enable Input (Active LOW)
xCEAB
A-to-B Enable Input (Active LOW)
xCEBA
B-to-A Enable Input (Active LOW)
xLEAB
A-to-B Latch Enable Input (Active LOW)
xLEBA
B-to-A Latch Enable Input (Active LOW)
xAx
A-to-BDataInputsorB-to-A3-StateOutputs
xBx
B-to-ADataInputsorA-to-B3-StateOutputs
PackageType
PackageCode
Order Code
TSSOP
PAG56
PAG
SSOP
PVG56
PVG
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to 7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. All device terminals except FCT162XXX Output and I/O terminals.
3. Outputs and I/O terminals for FCT162XXX.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
COUT
Output Capacitance
VOUT = 0V
3.5
8
pF
CAPACITANCE (TA=+25°C,f=1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
NOTES:
1. * Before xLEAB LOW-to-HIGH Transition
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
2. A-to-B data flow shown; B-to-A flow control is the same, except using xCEBA, xLEBA
and xOEBA.
FUNCTION TABLE(1,2)
For A-to-B (Symmetric with B-to-A)
Latch
Output
Inputs
Status
Buffers
xCEAB
xLEAB
xOEAB
xAx to xBx
xBx
H
X
X
Storing
Z
X
H
X
Storing
X
L
L
L
Transparent
Current A Inputs
L
H
L
Storing
Previous* A Inputs
L
L
H
Transparent
Z
L
H
H
Storing
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com