Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74823CTSOG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 74823CTSOG
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74823CTSOG Datasheet(HTML) 5 Page - Renesas Technology Corp

  74823CTSOG Datasheet HTML 1Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 2Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 3Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 4Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 5Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 6Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 7Page - Renesas Technology Corp 74823CTSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT823AT/CT
HIGH-PERFORMANCECMOSBUSINTERFACEREGISTER
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT823AT
FCT823CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
10
1.5
6
ns
tPHL
CP to Yx (
OE = LOW)
RL = 500
Ω
CL = 300pF(4)
1.5
20
1.5
12.5
ns
RL = 500
Ω
tSU
Set-up Time HIGH or LOW Dx to CP
CL = 50pF
4
—
3
—
ns
tH
Hold Time HIGH or LOW Dx to CP
RL = 500
Ω
2
—
1.5
—
ns
tSU
Set-up Time HIGH or LOW
EN to CP
4
—
3
—
ns
tH
Hold Time HIGH or LOW
EN to CP
2
—
0
—
ns
tPHL
Propagation Delay,
CLR to Yx
1.5
14
1.5
8
ns
tREM
Recovery Time
CLR to CP
6
—
6
—
ns
tW
Clock Pulse Width HIGH or LOW
7
—
6
—
ns
tW
CLR Pulse Width LOW
6
—
6
—
ns
tPZH
Output Enable Time
OE to Yx
CL = 50pF
1.5
12
1.5
7
ns
tPZL
RL = 500
Ω
CL = 300pF(4)
1.5
23
1.5
12.5
ns
RL = 500
Ω
tPHZ
Output Disable Time
OE to Yx
CL = 5pF(4)
1.5
7
1.5
6
ns
tPLZ
RL = 500
Ω
CL = 50pF
1.5
8
1.5
6.5
ns
RL = 500
Ω
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
4. This condition is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com